Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1500WE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1500WE+
Description  Y2K Watchdog RTC with Nonvolatile Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1500WE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1500WE+ Datasheet HTML 5Page - Maxim Integrated Products DS1500WE+ Datasheet HTML 6Page - Maxim Integrated Products DS1500WE+ Datasheet HTML 7Page - Maxim Integrated Products DS1500WE+ Datasheet HTML 8Page - Maxim Integrated Products DS1500WE+ Datasheet HTML 9Page - Maxim Integrated Products DS1500WE+ Datasheet HTML 10Page - Maxim Integrated Products DS1500WE+ Datasheet HTML 11Page - Maxim Integrated Products DS1500WE+ Datasheet HTML 12Page - Maxim Integrated Products DS1500WE+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DS1500 Y2KC Watchdog RTC with Nonvolatile Control
9 of 19
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
SQW
Square-Wave Output. When enabled, the SQW pin outputs a 32.768kHz square wave. If the square
wave (
E32K) and battery-backup 32kHz (BB32) bits are enabled, power is provided by VBAUX when
VCC is absent.
2
KS
Kickstart Input. This pin is used to wake up a system from an external event, such as a key closure.
The
KS pin is normally connected using a pullup resistor to VBAUX. If the KS function is not used,
connect to ground.
3
VBAT
Battery input for any standard 3V lithium cell or other energy source. Battery voltage must be held
between 2.5V and 3.7V for proper operation. UL recognized to ensure against reverse charging
current when used with a lithium battery. If not used, connect to ground.*
4
VBAUX
Auxiliary battery input for any standard 3V lithium cell or other energy source. Battery voltage must
be held between 2.5V and 3.7V for proper operation. Provides backup power to the device, and
provides power for auxiliary functions. UL recognized to ensure against reverse charging current
when used with a lithium battery. If not used, connect to ground.*
5
CEO
Chip-Enable Output. Buffered chip-enable output signal for external SRAM switches high when VCCI
falls below the power-fail point VPF.
6
CEI
Chip-Enable Input. Input for chip-enable signal for external SRAM.
7
WE
Write-Enable Input. Active-low input that enables DQ0–DQ7 for data input to the device.
8
VCC1
DC power is applied to the device on these pins. VCC is the positive terminal. When power is applied
within the normal limits, the device is fully accessible and data can be written and read. When VCC
drops below the normal limits, reads and writes are inhibited. As VCC drops below the battery
voltage, the RAM and timekeeping circuits are switched over to the battery.
9
VCC0
Buffered VCC output to external SRAM. Switches to either VBAT or VBAUX when in data retention
mode.
10
N.C.
No Connect
11
PWR
Power-On Output (Open Drain). This output, if used, is normally connected to power-supply control
circuitry. This pin requires a pullup resistor connected to a positive supply to operate correctly.
12, 13
X1, X2
Connections for a standard 32.768kHz quartz crystal. For greatest accuracy, the DS1500 must be
used with a crystal that has a specified load capacitance of either 6pF or 12.5pF. The crystal select
(CS) bit in control register B is used to select operation with a 6pF or 12.5pF crystal. The crystal is
attached directly to the X1 and X2 pins. There is no need for external capacitors or resistors. An
external 32.768kHz oscillator can also drive the DS1500. In this configuration, the X1 pin is
connected to the external oscillator signal and the X2 pin is floated. For more information about
crystal selection and crystal layout considerations, refer to Application Note 58: Crystal
Considerations with Dallas Real-Time Clocks. See Figure 8.
14
RST
Reset Output (Open Drain). This output, if used, is normally connected to a microprocessor-reset
input. This pin requires a pullup resistor connected to a positive supply to operate correctly. When
RST is active, the device is not accessible.
15
IRQ
Interrupt Output (Open Drain). This output, if used, is normally connected to a microprocessor
interrupt input. This pin requires a pullup resistor connected to a positive supply to operate correctly.
16–20
A4–A0
Address Inputs. Selects one of 17 register locations.
21–23,
25–29
DQ0–DQ7
Data I/O pins for 8-bit parallel data transfer.
24, 31
GND
DC power is applied to the device on these pins. VCC is the positive terminal. When power is applied
within the normal limits, the device is fully accessible and data can be written and read. When VCC
drops below the normal limits, reads and writes are inhibited. As VCC drops below the battery
voltage, the RAM and timekeeping circuits are switched over to the battery.
30
CS
Chip-Select Input. Active-low input to enable the device.
32
OE
Output-Enable Input. Active-low input that enables DQ0–DQ7 for data output from the device
*See “Conditions of Acceptability” at www.maxim-ic.com/TechSupport/QA/ntrl.htm.


Similar Part No. - DS1500WE+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1500WEN DALLAS-DS1500WEN Datasheet
351Kb / 19P
   Y2K Watchdog RTC with Nonvolatile Control
More results

Similar Description - DS1500WE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1500 MAXIM-DS1500_11 Datasheet
547Kb / 20P
   Y2K Watchdog RTC with Nonvolatile Control
Rev 11/11
logo
Dallas Semiconductor
DS1500 DALLAS-DS1500 Datasheet
351Kb / 19P
   Y2K Watchdog RTC with Nonvolatile Control
logo
Maxim Integrated Produc...
DS1743 MAXIM-DS1743 Datasheet
185Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping
REV: 090407
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com