Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1034DV33 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1034DV33
Description  6-Mbit (256K X 24) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1034DV33 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1034DV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1034DV33 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY7C1034DV33
Document Number: 001-08351 Rev. *B
Page 3 of 9
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55
°C to +125°C
Supply Voltage on VCC Relative to GND [2]....–0.5V to +4.6V
DC Voltage Applied to Outputs
in High Z State [2]................................... –0.5V to VCC + 0.5V
DC Input Voltage [2] ............................... –0.5V to VCC + 0.5V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage............. ...............................>2001V
(MIL-STD-883, Method 3015)
Latch up Current...................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C3.3V ± 0.3V
DC Electrical Characteristics
Over the operating range
Parameter
Description
Test Conditions [3]
–8
Unit
Min
Max
VOH
Output HIGH Voltage
VCC = Min, IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min, IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL [2]
Input LOW Voltage
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage Current
GND < VOUT < VCC, output disabled
–1
+1
µA
ICC
VCC Operating Supply
Current
VCC = Max, f = fMAX = 1/tRC,
IOUT = 0 mA CMOS levels
225
mA
ISB1
Automatic CE Power Down
Current — TTL Inputs
Max VCC, CE > VIH
VIN > VIH or VIN < VIL, f = fMAX
30
mA
ISB2
Automatic CE Power Down
Current — CMOS Inputs
Max VCC, CE > VCC – 0.3V,
VIN > VCC – 0.3V, or VIN < 0.3V, f = 0
25
mA
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 3.3V
8
pF
COUT
IO Capacitance
10
pF
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
119-Ball
PBGA
Unit
ΘJA
Thermal Resistance
(Junction to Ambient)
Still air, soldered on a 3 × 4.5 inch,
four layer printed circuit board
20.31
°C/W
ΘJC
Thermal Resistance
(Junction to Case)
8.35
°C/W
Notes
2. VIL (min) = –2.0V and VIH(max) = VCC + 2V for pulse durations of less than 20 ns.
3. CE refers to a combination of CE1, CE2, and CE3. CE is active LOW when CE1 is LOW, CE2 is HIGH, and CE3 is LOW. CE is HIGH when CE1 is HIGH, CE2 is LOW,
or CE3 is HIGH.


Similar Part No. - CY7C1034DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1034DV33 CYPRESS-CY7C1034DV33 Datasheet
300Kb / 8P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-10BGXI CYPRESS-CY7C1034DV33-10BGXI Datasheet
398Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33-8BGXC CYPRESS-CY7C1034DV33-8BGXC Datasheet
300Kb / 8P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33 CYPRESS-CY7C1034DV33_09 Datasheet
398Kb / 9P
   6-Mbit (256K X 24) Static RAM
More results

Similar Description - CY7C1034DV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1034DV33 CYPRESS-CY7C1034DV33 Datasheet
300Kb / 8P
   6-Mbit (256K X 24) Static RAM
CY7C1034DV33 CYPRESS-CY7C1034DV33_09 Datasheet
398Kb / 9P
   6-Mbit (256K X 24) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com