Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1019BN-15VC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1019BN-15VC
Description  128K x 8 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1019BN-15VC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1019BN-15VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1019BN-15VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1019BN-15VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1019BN-15VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1019BN-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1019BN-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1019BN-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1019BN-15VC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY7C1019BN
Document #: 001-06425 Rev. **
Page 3 of 8
AC Test Loads and Waveforms
Switching Characteristics[4] Over the Operating Range
Parameter
Description
-12
-15
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
12
15
ns
tAA
Address to Data Valid
12
15
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE LOW to Data Valid
12
15
ns
tDOE
OE LOW to Data Valid
6
7
ns
tLZOE
OE LOW to Low Z
0
0
ns
tHZOE
OE HIGH to High Z
[5, 6]
67
ns
tLZCE
CE LOW to Low Z
[6]
33
ns
tHZCE
CE HIGH to High Z
[5, 6]
67
ns
tPU
CE LOW to Power-Up
0
0
ns
tPD
CE HIGH to Power-Down
12
15
ns
Write Cycle[7, 8]
tWC
Write Cycle Time
12
15
ns
tSCE
CE LOW to Write End
9
10
ns
tAW
Address Set-Up to Write End
8
10
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
8
10
ns
tSD
Data Set-Up to Write End
6
8
ns
tHD
Data Hold from Write End
0
0
ns
tLZWE
WE HIGH to Low Z
[6]
33
ns
tHZWE
WE LOW to High Z
[5, 6]
67
ns
Notes:
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
6. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. CE and WE must be LOW to initiate a write, and the transition of any
of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
8. The minimum write cycle time for Write Cycle no. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
≤ 3 ns
≤ 3 ns
OUTPUT
R1 480
R1 480
R2
255
R2
255
167
Equivalent to: THÉVENIN EQUIVALENT
1.73V


Similar Part No. - CY7C1019BN-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019B CYPRESS-CY7C1019B Datasheet
194Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1019B-10VC CYPRESS-CY7C1019B-10VC Datasheet
194Kb / 9P
   128K x 8 Static RAM
CY7C1019B-10VI CYPRESS-CY7C1019B-10VI Datasheet
194Kb / 9P
   128K x 8 Static RAM
CY7C1019B-10ZC CYPRESS-CY7C1019B-10ZC Datasheet
194Kb / 9P
   128K x 8 Static RAM
More results

Similar Description - CY7C1019BN-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com