Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0852AV-167BBC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C0852AV-167BBC
Description  FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0852AV-167BBC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C0852AV-167BBC Datasheet HTML 1Page - Cypress Semiconductor CY7C0852AV-167BBC Datasheet HTML 2Page - Cypress Semiconductor CY7C0852AV-167BBC Datasheet HTML 3Page - Cypress Semiconductor CY7C0852AV-167BBC Datasheet HTML 4Page - Cypress Semiconductor CY7C0852AV-167BBC Datasheet HTML 5Page - Cypress Semiconductor CY7C0852AV-167BBC Datasheet HTML 6Page - Cypress Semiconductor CY7C0852AV-167BBC Datasheet HTML 7Page - Cypress Semiconductor CY7C0852AV-167BBC Datasheet HTML 8Page - Cypress Semiconductor CY7C0852AV-167BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
CY7C0850AV/CY7C0851AV
CY7C0852AV/CY7C0853AV
Document #: 38-06070 Rev. *G
Page 3 of 31
Pin Configurations
1
23456789
10
11
12
13
14
A
DQ32L
DQ30L
CNTINTL
VSS
DQ13L
VDD
DQ11L
DQ11R
VDD
DQ13R
VSS
CNTINTR
DQ30R
DQ32R
B
A0L
DQ33L
DQ29L
DQ17L
DQ14L
DQ12L
DQ9L
DQ9R
DQ12R
DQ14R
DQ17R
DQ29R
DQ33R
A0R
C
NC
A1L
DQ31L
DQ27L
INTL
DQ15L
DQ10L
DQ10R
DQ15R
INTR
DQ27R
DQ31R
A1R
NC
D
A2L
A3L
DQ35L
DQ34L
DQ28L
DQ16L
VSS
VSS
DQ16R
DQ28R
DQ34R
DQ35R
A3R
A2R
E
A4L
A5L
CE1L
B0L
VDD
VSS
VDD
VDD
B0R
CE1R
A5R
A4R
F
VDD
A6L
A7L
B1L
VDD
VSS
B1R
A7R
A6R
VDD
G
OEL
B2L
B3L
CE0L
CY7C0850V
CY7C0851V
CY7C0852V
CE0R
B3R
B2R
OER
H
VSS
R/WLA8L
CLKL
CLKR
A8R
R/WRVSS
J
A9L
A10L
VSS
ADSL
VSS
VDD
ADSR
MRST
A10R
A9R
K
A11L
A12L
A15L[2]
CNTRSTL
VDD
VDD
VSS
VDD
CNTRSTR
A15R[2]
A12R
A11R
L CNT/MSKL
A13L
CNTENL
DQ26L
DQ25L
DQ19L
VSS
VSS
DQ19R
DQ25R
DQ26R
CNTENR
A13R
CNT/MSKR
M
A16L[2]
A14L
DQ22L
DQ18L
TDI
DQ7L
DQ2L
DQ2R
DQ7R
TCK
DQ18R
DQ22R
A14R
A16R[2]
N
DQ24L
DQ20L
DQ8L
DQ6L
DQ5L
DQ3L
DQ0L
DQ0R
DQ3R
DQ5R
DQ6R
DQ8R
DQ20R
DQ24R
P
DQ23L
DQ21L
TDO
VSS
DQ4L
VDD
DQ1L
DQ1R
VDD
DQ4R
VSS
TMS
DQ21R
DQ23R
Note:
2. For CY7C0851V, pins M1 and M14 are NC. For CY7C0850V, pins K3, K12 M1, and M14 are NC
Top View
172-ball BGA


Similar Part No. - CY7C0852AV-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0852AV-167AXC CYPRESS-CY7C0852AV-167AXC Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0852AV-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837AV CYPRESS-CY7C0837AV Datasheet
826Kb / 28P
   FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com