Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C0430BV-100BGI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C0430BV-100BGI
Description  10 Gb/s 3.3V QuadPort??DSE Family
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0430BV-100BGI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C0430BV-100BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C0430BV-100BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C0430BV-100BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C0430BV-100BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C0430BV-100BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C0430BV-100BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C0430BV-100BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C0430BV-100BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C0430BV-100BGI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CY7C0430BV
CY7C0430CV
Document #: 38-06027 Rev. *B
Page 8 of 37
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................ –65
°C to + 150°C
Ambient Temperature with
Power Applied............................................–55
°C to + 125°C
Supply Voltage to Ground Potential .............. –0.5V to + 4.6V
DC Voltage Applied to
Outputs in High-Z State..........................–0.5V to VCC + 0.5V
DC Input Voltage....................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... > 2200V
Latch-up Current..................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VDD
Commercial
0
°C to +70°C
3.3V
± 150 mV
Industrial
–40
°C to +85°C
3.3V
± 150 mV
Electrical Characteristics Over the Operating Range
Parameter
Description
Quadport DSE Family
Unit
–133
–100
Min.
Typ.
Max.
Min.
Typ.
Max.
VOH
Output HIGH Voltage
(VCC = Min., IOH = –4.0 mA)
2.4
2.4
V
VOL
Output LOW Voltage
(VCC = Min., IOH = +4.0 mA)
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
µA
ICC
Operating Current (VCC = Max., IOUT = 0 mA)
Outputs Disabled, CE = VIL, f = fmax
350
700
300
550
mA
ISB1
Standby Current (four ports toggling at TTL
Levels,0 active)
CE1-4 ≥ VIH, f = fMAX
80
200
60
150
mA
ISB2
Standby Current (four ports toggling at TTL
Levels, 1 active) CE1 | CE2 | CE3 | CE4 < VIL,
f = fMAX
150
300
125
250
mA
ISB3
Standby Current (four ports CMOS Level, 0
active) CE1–4 ≥ VIH, f = 0
1.5
15
1.5
15
mA
ISB4
Standby Current (four ports CMOS Level, 1
active and toggling) CE1 | CE2 | CE3 | CE4 <
VIL, f = fMAX
110
290
85
240
mA
JTAG TAP Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH1
Output HIGH Voltage
IOH = −4.0 mA
2.4
V
VOL1
Output LOW Voltage
IOL = 4.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IX
Input Leakage Current
GND
≤ VI ≤ VDD
–100
100
µA
Capacitance
Parameter
Description
Test Conditions
Max.
Unit
CIN (All Pins)
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
10
pF
COUT (All Pins)
Output Capacitance
10
pF
CIN (CLK Pins)
Input Capacitance
15
pF
COUT (CLK Pins) Output Capacitance
15
pF


Similar Part No. - CY7C0430BV-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430BV-100BGI CYPRESS-CY7C0430BV-100BGI Datasheet
827Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
CY7C0430BV-100BGI CYPRESS-CY7C0430BV-100BGI Datasheet
946Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
More results

Similar Description - CY7C0430BV-100BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0430BV CYPRESS-CY7C0430BV Datasheet
827Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
CY7C0430BV CYPRESS-CY7C0430BV_09 Datasheet
946Kb / 37P
   10 Gb/s 3.3V QuadPort DSE Family
logo
Vitesse Semiconductor C...
VSC7980 VITESSE-VSC7980 Datasheet
408Kb / 2P
   Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family
logo
Keysight Technologies
N4970A KEYSIGHT-N4970A Datasheet
2Mb / 6P
   PRBS generator 10 Gb/s
logo
Cypress Semiconductor
CY7C0430V CYPRESS-CY7C0430V Datasheet
935Kb / 36P
   3.3V 64K x 18 Synchronous QuadPort??Static RAM
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com