Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1391U-3+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1391U-3+
Description  Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1391U-3+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1391U-3+ Datasheet HTML 7Page - Maxim Integrated Products DS1391U-3+ Datasheet HTML 8Page - Maxim Integrated Products DS1391U-3+ Datasheet HTML 9Page - Maxim Integrated Products DS1391U-3+ Datasheet HTML 10Page - Maxim Integrated Products DS1391U-3+ Datasheet HTML 11Page - Maxim Integrated Products DS1391U-3+ Datasheet HTML 12Page - Maxim Integrated Products DS1391U-3+ Datasheet HTML 13Page - Maxim Integrated Products DS1391U-3+ Datasheet HTML 14Page - Maxim Integrated Products DS1391U-3+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Detailed Description
The DS1390/DS1391/DS1392/DS1393 RTCs are low-
power clocks/calendars with alarms. Address and data
are transferred serially through a 4-wire SPI interface for
the DS1390 and DS1391 and through a 3-wire interface
for the DS1392 and DS1393. The DS1390/DS1391 oper-
ate as a slave device on the SPI serial bus. The
DS1392/DS1393 operate using a 3-wire synchronous
serial bus. Access is obtained by selecting the part by
the CS pin (CE on DS1392/DS1393) and clocking data
into/out of the part using the SCLK and DIN/DOUT pins
(I/O on DS1392/DS1393). Multiple-byte transfers are
supported within one CS low period (see the
SPI Serial-
Data Bus section). The clocks/calendars provide hun-
dredths of seconds, seconds, minutes, hours, day, date,
month, and year information. The alarm functions are
performed off all timekeeping registers, allowing the user
to set high resolution alarms. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The
clocks operate in either the 24-hour or 12-hour format
with an AM/PM indicator. All four devices have a built-in
temperature-compensated voltage reference that
detects power failures and automatically switches to the
battery supply. Additionally, the devices can provide
trickle charging of the backup voltage source, with
selectable charging resistance and diode voltage drops.
Low-Voltage SPI/3-Wire RTCs with
Trickle Charger
____________________________________________________________________
11
Functional Diagram
BUS
INTERFACE
VCC LEVEL DETECT,
POWER SWITCH,
WRITE PROTECT,
TRICKLE CHARGER
32,768Hz
CRYSTAL
OSCILLATOR
(DS1390/91) DIN
(DS1390/91) DOUT
(DS1392/93) I/O
X2
SCLK
VCC
GND
VBACKUP
X1
(DS1390/91) CS
(DS1392/93) (CE)
SQUARE-WAVE RATE
SELECTOR, INT, MUX,
RST OUTPUT
HUNDREDTHS-OF-
SECONDS
GENERATOR
REAL-TIME CLOCK
WITH HUNDREDTHS
OF SECONDS
TRICKLE REGISTER
SQW/INT (DS1390/93)
CONTROL/STATUS
REGISTERS
ALARM REGISTERS
RST (DS1391/93)
SQW (DS1392)
DS1390/DS1391/
DS1392/DS1393


Similar Part No. - DS1391U-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1391U-3++ MAXIM-DS1391U-3+ Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
More results

Similar Description - DS1391U-3+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Rev 0; 3/11
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com