Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C344-20WC/WI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C344-20WC/WI
Description  32-Macrocell MAX짰 EPLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-20WC/WI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C344-20WC/WI Datasheet HTML 1Page - Cypress Semiconductor CY7C344-20WC/WI Datasheet HTML 2Page - Cypress Semiconductor CY7C344-20WC/WI Datasheet HTML 3Page - Cypress Semiconductor CY7C344-20WC/WI Datasheet HTML 4Page - Cypress Semiconductor CY7C344-20WC/WI Datasheet HTML 5Page - Cypress Semiconductor CY7C344-20WC/WI Datasheet HTML 6Page - Cypress Semiconductor CY7C344-20WC/WI Datasheet HTML 7Page - Cypress Semiconductor CY7C344-20WC/WI Datasheet HTML 8Page - Cypress Semiconductor CY7C344-20WC/WI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY7C344
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03006 Rev. *B
Page 5 of 15
tPO
Asynchronous Preset to Registered Output
Delay[4]
Com’l /Ind
15
20
25
ns
Mil
15
20
25
tCF
Synchronous Clock to Local Feedback Input[4,13] Com’l /Ind
4
4
7
ns
Mil
4
4
7
tP
External Synchronous Clock Period (1/fMAX3)[4]
Com’l/Ind
13
14
16
ns
Mil
13
14
16
fMAX1
External Maximum Frequency(1/(tCO1 + tS))[4, 14] Com’l/Ind
50.0
41.6
33.3
MHz
Mil
50.0
41.6
33.3
fMAX2
Maximum Frequency with Internal Only
Feedback (1/(tCF + tS))[4, 15]
Com’l/Ind
71.4
62.5
45.4
MHz
Mil
71.4
62.5
45.4
fMAX3
Data Path Maximum Frequency, least of
1/(tWL + tWH), 1/(tS + tH), or (1/tCO1)[4, 16]
Com’l/Ind
83.3
71.4
62.5
MHz
Mil
83.3
71.4
62.5
fMAX4
Maximum Register Toggle Frequency
1/(tWL + tWH)[4, 17]
Com’l/Ind
83.3
71.4
62.5
MHz
Mil
83.3
71.4
62.5
tOH
Output Data Stable Time from Synchronous
Clock Input[4, 18]
Com’l/Ind
3
3
3
ns
Mil
3
3
3
Notes:
13. This specification is a measure of the delay associated with the internal register feedback path. This delay plus the register set-up time, tS, is the minimum internal
period for an internal state machine configuration. This parameter is tested periodically by sampling production material.
14. This specification indicates the guaranteed maximum frequency at which a state machine configuration with external only feedback can operate.
15. This specification indicates the guaranteed maximum frequency at which a state machine with internal-only feedback can operate. If register output states must
also control external points, this frequency can still be observed as long as it is less than 1/tCO1. This specification assumes no expander logic is used. This parameter
is tested periodically by sampling production material.
16. This frequency indicates the maximum frequency at which the device may operate in data-path mode (dedicated input pin to output pin). This assumes that no
expander logic is used.
17. This specification indicates the guaranteed maximum frequency in synchronous mode, at which an individual output or buried register can be cycled by a clock
signal applied to either a dedicated input pin or an I/O pin.
18. This parameter indicates the minimum time after a synchronous register clock input that the previous register output data is maintained on the output pin.
External Synchronous Switching Characteristics Over Operating Range (continued)[7]
Parameter
Description
7C344-15
7C344-20
7C344-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - CY7C344-20WC/WI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344-20WC/WI CYPRESS-CY7C344-20WC/WI Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344-20WC/WI CYPRESS-CY7C344-20WC/WI Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C344-20WC/WI CYPRESS-CY7C344-20WC/WI Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344-20WC/WI CYPRESS-CY7C344-20WC/WI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results

Similar Description - CY7C344-20WC/WI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344B CYPRESS-CY7C344B_05 Datasheet
352Kb / 12P
   32-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
5962-9061102XX CYPRESS-5962-9061102XX Datasheet
579Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
   64-Macrocell MAX EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com