Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1390U-18+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1390U-18+
Description  Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1390U-18+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1390U-18+ Datasheet HTML 1Page - Maxim Integrated Products DS1390U-18+ Datasheet HTML 2Page - Maxim Integrated Products DS1390U-18+ Datasheet HTML 3Page - Maxim Integrated Products DS1390U-18+ Datasheet HTML 4Page - Maxim Integrated Products DS1390U-18+ Datasheet HTML 5Page - Maxim Integrated Products DS1390U-18+ Datasheet HTML 6Page - Maxim Integrated Products DS1390U-18+ Datasheet HTML 7Page - Maxim Integrated Products DS1390U-18+ Datasheet HTML 8Page - Maxim Integrated Products DS1390U-18+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The low-voltage serial-peripheral interface (SPI™)
DS1390/DS1391 and the low-voltage 3-wire DS1392/
DS1393 real-time clocks (RTCs) are clocks/calendars
that provide hundredths of a second, seconds, min-
utes, hours, day, date, month, and year information.
The date at the end of the month is automatically
adjusted for months with fewer than 31 days, including
corrections for leap year. The clock operates in either
the 24-hour or 12-hour format with an AM/PM indicator.
One programmable time-of-day alarm is provided. A
temperature-compensated voltage reference monitors
the status of VCC and automatically disables the bus
interface and switches to the backup supply if a power
failure is detected. On the DS1390, a single open-drain
output provides a CPU interrupt or a square wave at
one of four selectable frequencies. The DS1391
replaces the SQW/INT pin with a RST output/
debounced input.
The DS1390 and DS1391 are programmed serially
through an SPI-compatible, bidirectional bus. The
DS1392 and DS1393 communicate over a 3-wire serial
bus, and the extra pin is used for either a separate
interrupt pin or a RST output/debounced input.
All four devices are available in a 10-pin µSOP package,
and are rated over the industrial temperature range.
Applications
Hand-Held Devices
GPS/Telematics Devices
Embedded Time Stamping
Medical Devices
Features
♦ Real-Time Clock Counts Hundredths of Seconds,
Seconds, Minutes, Hours, Day, Date, Month, and
Year with Leap-Year Compensation Valid Up to
2100
♦ Output Pin Configurable as Interrupt or Square
Wave with Programmable Frequency of
32.768kHz, 8.192kHz, 4.096kHz, or 1Hz
(DS1390/DS1393 Only)
♦ One Time-of-Day Alarm
♦ Power-Fail Detect and Switch Circuitry
♦ Reset Output/Debounced Input (DS1391/DS1393)
♦ Separate SQW and INT Output (DS1392)
♦ Trickle-Charge Capability
♦ SPI Supports Modes 1 and 3 (DS1390/DS1391)
♦ 3-Wire Interface (DS1392/DS1393)
♦ 4MHz at 3.0V and 3.3V
♦ 1MHz at 1.8V
♦ Three Operating Voltages: 1.8V ±5%, 3.0V ±10%,
and 2.97 to 5.5V
♦ Industrial Temperature Range: -40°C to +85°C
♦ Underwriters Laboratory (UL) Recognized
Low-Voltage SPI/3-Wire RTCs with
Trickle Charger
______________________________________________
Maxim Integrated Products
1
Ordering Information
Rev 1; 1/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Typical Operating Circuits and Pin Configurations appear at
end of the data sheet.
Note: All devices are rated for the -40°C to +85°C operating
temperature range.
+
Denotes lead-free package.
A “+” anywhere on the top mark denotes a lead-free/RoHS-
compliant package.
rr
= Revision code on second line of top mark.
PART
TYP
OPERATING
VOLTAGE (V)
PIN-
PACKAGE
TOP MARK†
DS1390U-18+
1.8
10 μSOP
1390 rr-18
DS1390U-3+
3.0
10 μSOP
1390 rr-3
DS1390U-33+
3.3
10 μSOP
1390 rr-33
DS1391U-18+
1.8
10 μSOP
1391 rr-18
DS1391U-3+
3.0
10 μSOP
1391 rr-3
DS1391U-33+
3.3
10 μSOP
1391 rr-33
DS1392U-18+
1.8
10 μSOP
1393 rr-18
DS1392U-3+
3.0
10 μSOP
1392 rr-3
DS1392U-33+
3.3
10 μSOP
1392 rr-33
DS1393U-18+
1.8
10 μSOP
1393 rr-18
DS1393U-3+
3.0
10 μSOP
1393 rr-3
DS1393U-33+
3.3
10 μSOP
1393 rr-33
SPI is a trademark of Motorola, Inc.


Similar Part No. - DS1390U-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390U-18++ MAXIM-DS1390U-18+ Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
More results

Similar Description - DS1390U-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS12R885 MAXIM-DS12R885_10 Datasheet
342Kb / 23P
   RTCs with Constant-Voltage Trickle Charger
Rev 6; 4/10
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1343 MAXIM-DS1343 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Rev 0; 3/11
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com