Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C344-15WC/WI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C344-15WC/WI
Description  32-Macrocell MAX짰 EPLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-15WC/WI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C344-15WC/WI Datasheet HTML 3Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 4Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 5Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 6Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 7Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 8Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 9Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 10Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY7C344
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03006 Rev. *B
Page 7 of 15
Typical Internal Switching Characteristics Over Operating Range[7]
7C344-15
7C344-20
7C344-25
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tIN
Dedicated Input Pad and Buffer Delay
Com’l/Ind
4
5
7
ns
Mil
4
5
7
tIO
I/O Input Pad and Buffer Delay
Com’l/Ind
4
5
7
ns
Mil
4
5
7
tEXP
Expander Array Delay
Com’l/Ind
8
10
15
ns
Mil
8
10
15
tLAD
Logic Array Data Delay
Com’l/Ind
7
9
10
ns
Mil
7
9
10
tLAC
Logic Array Control Delay
Com’l/Ind
5
7
7
ns
Mil
5
7
7
tOD
Output Buffer and Pad Delay
Com’l/Ind
4
5
5
ns
Mil
4
5
5
tZX
Output Buffer Enable Delay[27]
Com’l/Ind
7
8
11
ns
Mil
7
8
11
tXZ
Output Buffer Disable Delay
Com’l/Ind
7
8
11
ns
Mil
7
8
11
tRSU
Register Set-Up Time Relative to Clock Signal
at Register
Com’l/Ind
5
5
8
ns
Mil
5
5
8
tRH
Register Hold Time Relative to Clock Signal at
Register
Com’l/Ind
7
9
12
ns
Mil
7
9
12
tLATCH
Flow-Through Latch Delay
Com’l/Ind
1
1
3
ns
Mil
1
1
3
tRD
Register Delay
Com’l/Ind
1
1
1
ns
Mil
1
1
1
tCOMB
Transparent Mode Delay[28]
Com’l/Ind
1
1
3
ns
Mil
1
1
3
tCH
Clock HIGH Time
Com’l/Ind
6
7
8
ns
Mil
6
7
8
tCL
Clock LOW Time
Com’l/Ind
6
7
8
ns
Mil
6
7
8
tIC
Asynchronous Clock Logic Delay
Com’l/Ind
7
8
10
ns
Mil
7
8
10
tICS
Synchronous Clock Delay
Com’l/Ind
1
2
3
ns
Mil
1
2
3
tFD
Feedback Delay
Com’l/Ind
1
1
1
ns
Mil
1
1
1
tPRE
Asynchronous Register Preset Time
Com’l/Ind
5
6
9
ns
Mil
5
6
9
Notes:
27. Sample tested only for an output change of 500 mV.
28. This specification guarantees the maximum combinatorial delay associated with the macrocell register bypass when the macrocell is configured for combinatorial
operation.


Similar Part No. - CY7C344-15WC/WI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344-15WC/WI CYPRESS-CY7C344-15WC/WI Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344-15WC/WI CYPRESS-CY7C344-15WC/WI Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C344-15WC/WI CYPRESS-CY7C344-15WC/WI Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344-15WC/WI CYPRESS-CY7C344-15WC/WI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results

Similar Description - CY7C344-15WC/WI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344B CYPRESS-CY7C344B_05 Datasheet
352Kb / 12P
   32-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
5962-9061102XX CYPRESS-5962-9061102XX Datasheet
579Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
   64-Macrocell MAX EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com