Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B994V-5BBXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7B994V-5BBXI
Description  High-speed Multi-phase PLL Clock Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B994V-5BBXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7B994V-5BBXI Datasheet HTML 6Page - Cypress Semiconductor CY7B994V-5BBXI Datasheet HTML 7Page - Cypress Semiconductor CY7B994V-5BBXI Datasheet HTML 8Page - Cypress Semiconductor CY7B994V-5BBXI Datasheet HTML 9Page - Cypress Semiconductor CY7B994V-5BBXI Datasheet HTML 10Page - Cypress Semiconductor CY7B994V-5BBXI Datasheet HTML 11Page - Cypress Semiconductor CY7B994V-5BBXI Datasheet HTML 12Page - Cypress Semiconductor CY7B994V-5BBXI Datasheet HTML 13Page - Cypress Semiconductor CY7B994V-5BBXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RoboClock
CY7B993V
CY7B994V
Document #: 38-07127 Rev. *F
Page 10 of 15
AC Test Loads and Waveform[26]
Notes:
18. TTB is the window between the earliest and the latest output clocks with respect to the input reference clock across variations in output frequency, supply voltage,
operating temperature, input clock edge rate, and process. The measurements are taken with the AC test load specified and include output-output skew, cycle-cycle
jitter, and dynamic phase error. TTB will be equal to or smaller than the maximum specified value at a given frequency.
19. Tested initially and after any design or process changes that may affect these parameters.
20. Rise and fall times are measured between 2.0V and 0.8V.
21. fNOM must be within the frequency range defined by the same FS state.
22. tPWH is measured at 2.0V. tPWL is measured at 0.8V.
23. UI = Unit Interval. Examples: 1 UI is a full period. 0.1UI is 10% of period.
24. Measured at 0.5V deviation from starting voltage.
25. For tOZA minimum, CL = 0 pF. For tOZA maximum, CL= 25 pF to 185 MHz or 10 pF to 200 MHz.
26. These figures are for illustrations only. The actual ATE loads may vary.
TTB
Total Timing Budget window (same frequency and phase)[17,
18]
500
700
ps
tPDDELTA
Propagation Delay difference between two devices[17]
200
200
ps
tREFpwh
REF input (Pulse Width HIGH)[19]
2.0
2.0
ns
tREFpwl
REF input (Pulse Width LOW)[19]
2.0
2.0
ns
tr/tf
Output Rise/Fall Time[20]
0.15
2.0
0.15
2.0
ns
tLOCK
PLL Lock Time From Power-up
10
10
ms
tRELOCK1
PLL Relock Time (from same frequency, different phase)
with Stable Power Supply
500
500
µs
tRELOCK2
PLL Relock Time (from different frequency, different phase)
with Stable Power Supply[21]
1000
1000
µs
tODCV
Output duty cycle deviation from 50%[13]
–1.0
1.0
–1.0
1.0
ns
tPWH
Output HIGH time deviation from 50%[22]
–1.5
1.5
ns
tPWL
Output LOW time deviation from 50%[22]
–2.0
2.0
ns
tPDEV
Period deviation when changing from reference to
reference[23]
0.025
0.025
UI
tOAZ
DIS[1:4]/FBDIS HIGH to output high-impedance from
ACTIVE[14, 24]
1.0
10
1.0
10
ns
tOAZ
DIS[1:4]/FBDIS LOW to output ACTIVE from output
high-impedance[24, 25]
0.5
14
0.5
14
ns
Switching Characteristics Over the Operating Range[9, 10, 11, 12, 13] (continued)
Parameter
Description
CY7B993/4V-2
CY7B993/4V-5
Unit
Min. Typ. Max.
Min.
Typ.
Max.
2.0V
0.8V
3.3V
GND
2.0V
0.8V
3.3V
OUTPUT
(a) LVTTL AC Test Load
< 1ns
< 1 ns
(b) TTL Input Test Waveform
R1
R2
CL
R1 = 910
R2 = 910
CL <30 pF
(Includes fixture and
probe capacitance)
R1 = 100
R2 = 100
CL < 25 pF to 185 MHz
For LOCK output only
For all other outputs
or 10 pF at 200 MHz


Similar Part No. - CY7B994V-5BBXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B994V-5BBXI CYPRESS-CY7B994V-5BBXI Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B994V-5BBXIT CYPRESS-CY7B994V-5BBXIT Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
More results

Similar Description - CY7B994V-5BBXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com