Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1339U-2+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1339U-2+
Description  I2C Serial Real-Time Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339U-2+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1339U-2+ Datasheet HTML 1Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 2Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 3Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 4Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 5Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 6Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 7Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 8Page - Maxim Integrated Products DS1339U-2+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS1339 I
2C Serial Real-Time Clock
POWER-UP/DOWN CHARACTERISTICS
(TA = -40°C to +85°C) (Note 1, Figure 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Recovery at Power-Up
tREC
(Note 15)
2
ms
VCC Fall Time; VPF(MAX) to VPF(MIN)
tVCCF
300
µs
VCC Rise Time; VPF(MIN) to VPF(MAX)
tVCCR
0
µs
WARNING: Under no circumstances are negative undershoots, of any amplitude, allowed when device is in
battery-backup mode.
Note 1:
Limits at -40°C are guaranteed by design and are not production tested.
Note 2:
SCL only.
Note 3:
SDA and SQW/
INT.
Note 4:
ICCA—SCL at fSC max, VIL = 0.0V, VIH = VCC, trickle charger disabled.
Note 5:
Specified with the I
2C bus inactive, VIL = 0.0V, VIH = VCC, trickle charger disabled.
Note 6:
VCC must be less than 3.63V if the 250Ω resistor is selected.
Note 7:
Using recommended crystal on X1 and X2.
Note 8:
After this period, the first clock pulse is generated.
Note 9:
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIHMIN of the SCL signal) to bridge
the undefined region of the falling edge of SCL.
Note 10:
The maximum tHD:DAT need only be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 11:
A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT ≥ to 250ns must then be met. This is
automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW
period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) + tSU:DAT = 1000 + 250 = 1250ns before the SCL line
is released.
Note 12:
CB—total capacitance of one bus line in pF.
Note 13:
Guaranteed by design. Not production tested.
Note 14:
The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set over the voltage range of 0.0V ≤
VCC ≤ VCCMAX and 1.3V ≤ VBACKUP ≤ 3.7V.
Note 15:
This delay applies only if the oscillator is running. If the oscillator is disabled or stopped, no power-up delay occurs.
Figure 1. Power-Up/Down Timing
OUTPUTS
VCC
VPF(MAX)
VPF(MIN)
INPUTS
HIGH-Z
DON'T CARE
VALID
RECOGNIZED
RECOGNIZED
VALID
t
VCCF
tVCCR
tREC
5 of 19


Similar Part No. - DS1339U-2+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339U-2++ MAXIM-DS1339U-2+ Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
More results

Similar Description - DS1339U-2+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Maxim Integrated Produc...
DS1339A MAXIM-DS1339A_13 Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com