Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1340U-18 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1340U-18
Description  I2C RTC with Trickle Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340U-18 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1340U-18 Datasheet HTML 6Page - Maxim Integrated Products DS1340U-18 Datasheet HTML 7Page - Maxim Integrated Products DS1340U-18 Datasheet HTML 8Page - Maxim Integrated Products DS1340U-18 Datasheet HTML 9Page - Maxim Integrated Products DS1340U-18 Datasheet HTML 10Page - Maxim Integrated Products DS1340U-18 Datasheet HTML 11Page - Maxim Integrated Products DS1340U-18 Datasheet HTML 12Page - Maxim Integrated Products DS1340U-18 Datasheet HTML 13Page - Maxim Integrated Products DS1340U-18 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Flag Register (09h)
Bit 7: Oscillator Stop Flag (OSF). A logic 1 in this bit
indicates that the oscillator has stopped or was
stopped for some time period and may be used to
judge the validity of the clock and calendar data. This
bit is edge triggered and is set to logic 1 when the
internal circuitry senses that the oscillator has transi-
tioned from a normal run state to a STOP condition. The
following are examples of conditions that can cause the
OSF bit to be set:
1)
The first time power is applied.
2)
The voltages present on VCC and VBACKUP
are insufficient to support oscillation.
3)
The EOSC bit is set to 1, disabling the
oscillator.
4)
External influences on the crystal (e.g., noise,
leakage).
The OSF bit remains at logic 1 until written to logic 0. It
can only be written to logic 0. Attempting to write OSF
to logic 1 leaves the value unchanged.
Bits 6 to 0: All other bits in the flag register read as 0
and cannot be written.
Clock Calibration
The DS1340 provides a digital clock calibration feature
to allow compensation for crystal and temperature vari-
ations. The calibration circuit adds or subtracts counts
from the oscillator divider chain at the divide-by-256
stage. The number of pulses blanked (subtracted for
negative calibration) or inserted (added for positive cal-
ibration) depends upon the value loaded into the five
calibration bits (CAL4–CAL0) located in the control reg-
ister. Adding counts speeds the clock up and subtract-
ing counts slows the clock down.
The calibration bits can be set to any value between 0
and 31 in binary form. Bit 5 of the control register, S, is
the sign bit. A value of 1 for the S bit indicates positive
calibration, while a value of 0 represents negative cali-
bration. Calibration occurs within a 64-minute cycle.
The first 62 minutes in the cycle can, once per minute,
have a one-second interval where the calibration is per-
formed. Negative calibration blanks 128 cycles of the
32,768Hz oscillator, slowing the clock down. Positive
calibration inserts 256 cycles of the 32,768Hz oscillator,
speeding the clock up. If a binary 1 is loaded into the
calibration bits, only the first two minutes in the 64-
minute cycle are modified. If a binary 6 is loaded, the
first 12 minutes are affected, and so on. Therefore,
each calibration step either adds 512 or subtracts 256
oscillator cycles for every 125,829,120 actual 32,678Hz
oscillator cycles (64 minutes). This equates to
+4.068ppm or -2.034ppm of adjustment per calibration
step. If the oscillator runs at exactly 32,768Hz, each of
the 31 increments of the calibration bits would repre-
sent +10.7 or -5.35 seconds per month, corresponding
to +5.5 or -2.75 minutes per month.
For example, if using the FT function, a reading of
512.01024Hz would indicate a +20ppm oscillator fre-
quency error, requiring a -10(00 1010) value to be
loaded in the S bit and the five calibration bits.
Note: Setting the calibration bits does not affect the fre-
quency test output frequency. Also note that writing to
the control register resets the divider chain.
I2C RTC with Trickle Charger
10
____________________________________________________________________
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
FUNCTION
X
X
X
X
0
0
X
X
Disabled
X
X
X
X
1
1
X
X
Disabled
X
X
X
XXX0
0
Disabled
1
0
1
0
0
1
0
1
No diode, 250
Ω resistor
1
0
1
0
1
0
0
1
One diode, 250
Ω resistor
1
0
1
0
0
1
1
0
No diode, 2k
Ω resistor
1
0
1
0
1
0
1
0
One diode, 2k
Ω resistor
1
0
1
0
0
1
1
1
No diode, 4k
Ω resistor
1
0
1
0
1
0
1
1
One diode, 4k
Ω resistor
0
0
0
0
0
0
0
0
Power-on reset value
Table 4. Trickle-Charge Register


Similar Part No. - DS1340U-18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U-18 MAXIM-DS1340U-18 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-18 MAXIM-DS1340U-18 Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340U-18++ MAXIM-DS1340U-18+ Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
More results

Similar Description - DS1340U-18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com