Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1307ZN Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1307ZN
Description  64 x 8, Serial, I2C Real-Time Clock
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1307ZN Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1307ZN Datasheet HTML 5Page - Maxim Integrated Products DS1307ZN Datasheet HTML 6Page - Maxim Integrated Products DS1307ZN Datasheet HTML 7Page - Maxim Integrated Products DS1307ZN Datasheet HTML 8Page - Maxim Integrated Products DS1307ZN Datasheet HTML 9Page - Maxim Integrated Products DS1307ZN Datasheet HTML 10Page - Maxim Integrated Products DS1307ZN Datasheet HTML 11Page - Maxim Integrated Products DS1307ZN Datasheet HTML 12Page - Maxim Integrated Products DS1307ZN Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS1307 64 x 8, Serial, I
2C Real-Time Clock
9 of 15
CONTROL REGISTER
The DS1307 control register is used to control the operation of the SQW/OUT pin.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OUT
0
0
SQWE
0
0
RS1
RS0
Bit 7: Output Control (OUT). This bit controls the output level of the SQW/OUT pin when the square-
wave output is disabled. If SQWE = 0, the logic level on the SQW/OUT pin is 1 if OUT = 1 and is 0 if
OUT = 0.
Bit 4: Square-Wave Enable (SQWE). This bit, when set to logic 1, enables the oscillator output. The
frequency of the square-wave output depends upon the value of the RS0 and RS1 bits. With the square-
wave output set to 1Hz, the clock registers update on the falling edge of the square wave.
Bits 1, 0: Rate Select (RS1, RS0). These bits control the frequency of the square-wave output when the
square-wave output has been enabled. The following table lists the square-wave frequencies that can be
selected with the RS bits.
RS1
RS0
SQW/OUT OUTPUT
SQWE
OUT
0
0
1Hz
1
X
0
1
4.096kHz
1
X
1
0
8.192kHz
1
X
1
1
32.768kHz
1
X
X
X
0
0
0
X
X
1
0
1


Similar Part No. - DS1307ZN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1307ZN DALLAS-DS1307ZN Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
DS1307ZN DALLAS-DS1307ZN Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Tiger Electronic Co.,Lt...
DS1307ZN TGS-DS1307ZN Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
ARTSCHIP ELECTRONICS CO...
DS1307ZN ARTSCHIP-DS1307ZN Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Maxim Integrated Produc...
DS1307ZN++ MAXIM-DS1307ZN+ Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
More results

Similar Description - DS1307ZN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307 Datasheet
287Kb / 14P
   64 x 8, Serial, I2C Real-Time Clock
REV: 100208
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com