Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1286I Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1286I
Description  Watchdog Timekeepers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1286I Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1286I Datasheet HTML 1Page - Dallas Semiconductor DS1286I Datasheet HTML 2Page - Dallas Semiconductor DS1286I Datasheet HTML 3Page - Dallas Semiconductor DS1286I Datasheet HTML 4Page - Dallas Semiconductor DS1286I Datasheet HTML 5Page - Dallas Semiconductor DS1286I Datasheet HTML 6Page - Dallas Semiconductor DS1286I Datasheet HTML 7Page - Dallas Semiconductor DS1286I Datasheet HTML 8Page - Dallas Semiconductor DS1286I Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
REV: 032406
GENERAL DESCRIPTION
The DS1284/DS1286 watchdog timekeepers are
self-contained real-time clocks, alarms, watchdog
timers, and interval timers in a 28-pin JEDEC DIP
and encapsulated DIP package. The DS1286
contains an embedded lithium energy source and a
quartz crystal, which eliminates the need for any
external circuitry. The DS1284 requires an external
quartz crystal and a VBAT source, which could be a
lithium battery. Data contained within 64 8-bit
registers can be read or written in the same manner
as byte-wide static RAM. Data is maintained in the
watchdog timekeeper by intelligent control circuitry
that detects the status of VCC and write protects
memory when VCC is out of tolerance. The lithium
energy source can maintain data and real time for
over 10 years in the absence of VCC. Watchdog
timekeeper information includes hundredths of
seconds, seconds, minutes, hours, day, date, month,
and year. The date at the end of the month is
automatically adjusted for months with fewer than
31 days, including correction for leap year. The
DS1284/DS1286 operate in either 24-hour or 12-
hour format with an AM/PM indicator. The devices
provide alarm windows and interval timing between
0.01 seconds and 99.99 seconds. The real-time
alarm provides for preset times of up to one week.
ORDERING INFORMATION
FEATURES
Keeps Track of Hundredths of Seconds,
Seconds, Minutes, Hours, Days, Date of the
Month, Months, and Years; Valid Leap Year
Compensation Up to 2100
Watchdog Timer Restarts an Out-of-Control
Processor
Alarm Function Schedules Real-Time-Related
Activities
Embedded Lithium Energy Cell Maintains
Time, Watchdog, User RAM, and Alarm
Information
Programmable Interrupts and Square-Wave
Outputs Maintain JEDEC Footprint
All Registers are Individually Addressable via
the Address and Data Bus
Accuracy is Better than ±1 Minute/Month at
+25°C (EDIP)
Greater than 10 Years of Timekeeping in the
Absence of VCC
50 Bytes of User NV RAM
Underwriters Laboratory (UL) Recognized
-40°C to +85°C Industrial Temperature Range
Option
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
VOLTAGE (V)
PIN-PACKAGE
TOP MARK*
DS1284
0°C to +70°C
5.0
28 DIP (600 mils)
DS1284
DS1284N
-40°C to +85°C
5.0
28 DIP (600 mils)
DS1284 N
DS1284Q
0°C to +70°C
5.0
28 PLCC
DS1284Q
DS1284Q+
0°C to +70°C
5.0
28 PLCC
DS1284Q
DS1284Q/T&R
0°C to +70°C
5.0
28 PLCC/Tape and Reel
DS1284Q
DS1284Q+T&R
0°C to +70°C
5.0
28 PLCC/Tape and Reel
DS1284Q
DS1284QN
-40°C to +85°C
5.0
28 PLCC
DS1284QN
DS1284QN+
-40°C to +85°C
5.0
28 PLCC
DS1284QN
DS1284QN/T&R
-40°C to +85°C
5.0
28 PLCC/Tape and Reel
DS1284QN
DS1284QN+T&R
-40°C to +85°C
5.0
28 PLCC/Tape and Reel
DS1284QN
DS1286
0°C to +70°C
5.0
28 EDIP (720 mils)
DS1286
DS1286I
-40°C to +85°C
5.0
28 EDIP (720 mils)
DS1286 IND
DS1286I+
-40°C to +85°C
5.0
28 EDIP (720 mils)
DS1286 IND
+ Denotes a lead-free/RoHS-compliant package.
* A “+” anywhere on the top mark indicates a lead-free package.
DS1284/DS1286
Watchdog Timekeepers
www.maxim-ic.com


Similar Part No. - DS1286I

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
   Watchdog Timekeeper
logo
Maxim Integrated Produc...
DS1286 MAXIM-DS1286 Datasheet
305Kb / 18P
   Watchdog Timekeepers
REV: 032406
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
More results

Similar Description - DS1286I

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1286 MAXIM-DS1286 Datasheet
305Kb / 18P
   Watchdog Timekeepers
REV: 032406
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
EM Microelectronic - MA...
H6006 EMMICRO-H6006 Datasheet
275Kb / 8P
   Failsafe Watchdog
logo
ATMEL Corporation
ATA6025 ATMEL-ATA6025 Datasheet
270Kb / 13P
   WATCHDOG IC
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com