Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1342-20JC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1342-20JC
Description  4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1342-20JC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1342-20JC Datasheet HTML 2Page - Cypress Semiconductor CY7C1342-20JC Datasheet HTML 3Page - Cypress Semiconductor CY7C1342-20JC Datasheet HTML 4Page - Cypress Semiconductor CY7C1342-20JC Datasheet HTML 5Page - Cypress Semiconductor CY7C1342-20JC Datasheet HTML 6Page - Cypress Semiconductor CY7C1342-20JC Datasheet HTML 7Page - Cypress Semiconductor CY7C1342-20JC Datasheet HTML 8Page - Cypress Semiconductor CY7C1342-20JC Datasheet HTML 9Page - Cypress Semiconductor CY7C1342-20JC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY7C135
CY7C1342
Document #: 38-06038 Rev. *C
Page 6 of 12
Switching Waveforms
Notes:
11. R/W is HIGH for read cycle.
12. Device is continuously selected, CE = VIL and OE = VIL.
13. Address valid prior to or coincident with CE transition LOW.
14. CEL = CER =LOW; R/WL = HIGH
tRC
tAA
tOHA
DATA VALID
PREVIOUS DATA VALID
DATA OUT
ADDRESS
Either Port Address Access
Read Cycle No. 1[11,12]
tACE
tLZOE
tDOE
tHZOE
tHZCE
DATA VALID
DATA OUT
SEM
or CE
OE
tLZCE
tPU
ICC
ISB
tPD
Either Port CE/OE Access
Read Cycle No. 2[11,13]
[10]
VALID
tDDD
tWDD
MATCH
MATCH
R/WR
DATAINR
DATAOUTL
twc
ADDRESSR
t
PWE
VALID
t
SD
t
HD
ADDRESSL
Read Timing with Port-to-Port[14]


Similar Part No. - CY7C1342-20JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1342-20JC CYPRESS-CY7C1342-20JC Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
More results

Similar Description - CY7C1342-20JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
7134SA55J IDT-7134SA55J Datasheet
126Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134LA IDT-IDT7134LA Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com