Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1302SN+ Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1302SN+
Description  Trickle-Charge Timekeeping Chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302SN+ Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1302SN+ Datasheet HTML 1Page - Dallas Semiconductor DS1302SN+ Datasheet HTML 2Page - Dallas Semiconductor DS1302SN+ Datasheet HTML 3Page - Dallas Semiconductor DS1302SN+ Datasheet HTML 4Page - Dallas Semiconductor DS1302SN+ Datasheet HTML 5Page - Dallas Semiconductor DS1302SN+ Datasheet HTML 6Page - Dallas Semiconductor DS1302SN+ Datasheet HTML 7Page - Dallas Semiconductor DS1302SN+ Datasheet HTML 8Page - Dallas Semiconductor DS1302SN+ Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS1302 Trickle-Charge Timekeeping Chip
4 of 16
PIN DESCRIPTION
PIN
8
16
NAME
FUNCTION
1
1
VCC2
Primary Power-Supply Pin in Dual Supply Configuration. VCC1 is connected to a
backup source to maintain the time and date in the absence of primary power. The
DS1302 operates from the larger of VCC1 or VCC2. When VCC2 is greater than VCC1 +
0.2V, VCC2 powers the DS1302. When VCC2 is less than VCC1, VCC1 powers the
DS1302.
2
3
X1
3
5
X2
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator is
designed for operation with a crystal having a specified load capacitance of 6pF.
For more information on crystal selection and crystal layout considerations, refer to
Application Note 58: Crystal Considerations for Dallas Real-Time Clocks. The
DS1302 can also be driven by an external 32.768kHz oscillator. In this
configuration, the X1 pin is connected to the external oscillator signal and the X2 pin
is floated.
4
8
GND
Ground
5
9
CE
Input. CE signal must be asserted high during a read or a write. This pin has an
internal 40k
Ω (typ) pulldown resistor to ground. Note: Previous data sheet revisions
referred to CE as
RST. The functionality of the pin has not changed.
6
12
I/O
Input/Push-Pull Output. The I/O pin is the bidirectional data pin for the 3-wire
interface. This pin has an internal 40k
Ω (typ) pulldown resistor to ground.
7
14
SCLK
Input. SCLK is used to synchronize data movement on the serial interface. This pin
has an internal 40k
Ω (typ) pulldown resistor to ground.
8
16
VCC1
Low-Power Operation in Single Supply and Battery-Operated Systems and Low-
Power Battery Backup. In systems using the trickle charger, the rechargeable
energy source is connected to this pin. UL recognized to ensure against reverse
charging current when used with a lithium battery.
2, 4, 6,
7, 10,
11, 13,
15
N.C.
No Connection


Similar Part No. - DS1302SN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1302SN++ MAXIM-DS1302SN+ Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
More results

Similar Description - DS1302SN+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
   Trickle Charge Timekeeping Chip
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
logo
Dallas Semiconductor
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Monolithic Power System...
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
   Trickle-charge IC for two-cell, lithium-ion batteries
logo
Monolithic Power System...
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com