Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C132-45PI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C132-45PI
Description  2K x 8 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C132-45PI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C132-45PI Datasheet HTML 2Page - Cypress Semiconductor CY7C132-45PI Datasheet HTML 3Page - Cypress Semiconductor CY7C132-45PI Datasheet HTML 4Page - Cypress Semiconductor CY7C132-45PI Datasheet HTML 5Page - Cypress Semiconductor CY7C132-45PI Datasheet HTML 6Page - Cypress Semiconductor CY7C132-45PI Datasheet HTML 7Page - Cypress Semiconductor CY7C132-45PI Datasheet HTML 8Page - Cypress Semiconductor CY7C132-45PI Datasheet HTML 9Page - Cypress Semiconductor CY7C132-45PI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY7C132/CY7C136
CY7C142/CY7C146
Document #: 38-06031 Rev. *C
Page 6 of 18
Write Cycle[14]
tWC
Write Cycle Time
35
45
55
ns
tSCE
CE LOW to Write End
30
35
40
ns
tAW
Address Set-up to Write End
30
35
40
ns
tHA
Address Hold from Write End
2
2
2
ns
tSA
Address Set-up to Write Start
0
0
0
ns
tPWE
R/W Pulse Width
253030
ns
tSD
Data Set-up to Write End
15
20
20
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
R/W LOW to High Z [9]
20
20
25
ns
tLZWE
R/W HIGH to Low Z [9]
000
ns
Busy/Interrupt Timing
tBLA
BUSY LOW from Address Match
20
25
30
ns
tBHA
BUSY HIGH from Address Mismatch[15]
20
25
30
ns
tBLC
BUSY LOW from CE LOW
202530
ns
tBHC
BUSY HIGH from CE HIGH[15]
20
25
30
ns
tPS
Port Set Up for Priority
5
5
5
ns
tWB
R/W LOW after BUSY LOW[16]
000
ns
tWH
R/W HIGH after BUSY HIGH
30
35
35
ns
tBDD
BUSY HIGH to Valid Data
35
45
45
ns
tDDD
Write Data Valid to Read Data Valid
Note 17
Note 17
Note 17
ns
tWDD
Write Pulse to Data Delay
Note 17
Note 17
Note 17
ns
Interrupt Timing[18]
tWINS
R/W to INTERRUPT Set Time
25
35
45
ns
tEINS
CE to INTERRUPT Set Time
25
35
45
ns
tINS
Address to INTERRUPT Set Time
25
35
45
ns
tOINR
OE to INTERRUPT Reset Time[15]
25
35
45
ns
tEINR
CE to INTERRUPT Reset Time[15]
25
35
45
ns
tINR
Address to INTERRUPT Reset Time[15]
25
35
45
ns
Switching Characteristics Over the Operating Range (Speeds -35, -45, -55) (continued)[5, 10]
Parameter
Description
7C132-35
7C136-35
7C142-35
7C146-35
7C132-45
7C136-45
7C142-45
7C146-45
7C132-55
7C136-55
7C142-55
7C146-55
Unit
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - CY7C132-45PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132-45PI CYPRESS-CY7C132-45PI Datasheet
339Kb / 18P
   2Kx8 Dual-Port Static RAM
More results

Similar Description - CY7C132-45PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com