Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C135-35JC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C135-35JC
Description  4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C135-35JC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C135-35JC Datasheet HTML 4Page - Cypress Semiconductor CY7C135-35JC Datasheet HTML 5Page - Cypress Semiconductor CY7C135-35JC Datasheet HTML 6Page - Cypress Semiconductor CY7C135-35JC Datasheet HTML 7Page - Cypress Semiconductor CY7C135-35JC Datasheet HTML 8Page - Cypress Semiconductor CY7C135-35JC Datasheet HTML 9Page - Cypress Semiconductor CY7C135-35JC Datasheet HTML 10Page - Cypress Semiconductor CY7C135-35JC Datasheet HTML 11Page - Cypress Semiconductor CY7C135-35JC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY7C135
CY7C1342
Document #: 38-06038 Rev. *C
Page 11 of 12
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
All products and company names mentioned in this document may be the trademarks of their respective holders.
Ordering Information
4K x8 Dual-Port SRAM
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C135–15JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C135-15JXC
J69
52-Lead Pb-Free Plastic Leaded Chip Carrier
20
CY7C135–20JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
25
CY7C135–25JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C135-25JXC
J69
52-Lead Pb-Free Plastic Leaded Chip Carrier
CY7C135–25JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
35
CY7C135–35JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C135–35JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
55
CY7C135–55JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C135–55JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
4K x8 Dual-Port SRAM with Semaphores
Speed
(ns)
Ordering Code
Package
Type
Package Type
Operating
Range
15
CY7C1342–15JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
20
CY7C1342–20JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
25
CY7C1342–25JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C1342–25JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
35
CY7C1342–35JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C1342–35JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
55
CY7C1342–55JC
J69
52-Lead Plastic Leaded Chip Carrier
Commercial
CY7C1342–55JI
J69
52-Lead Plastic Leaded Chip Carrier
Industrial
Package Diagrams
52-Lead Plastic Leaded Chip Carrier J69
51-85004-*A
52-Lead Pb-Free Plastic Leaded Chip Carrier J69


Similar Part No. - CY7C135-35JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C135-35JC CYPRESS-CY7C135-35JC Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
More results

Similar Description - CY7C135-35JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
7134SA55J IDT-7134SA55J Datasheet
126Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134LA IDT-IDT7134LA Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com