Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1305 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS1305
Description  Serial Alarm Real-Time Clock
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS1305_05 Datasheet HTML 13Page - Dallas Semiconductor DS1305_05 Datasheet HTML 14Page - Dallas Semiconductor DS1305_05 Datasheet HTML 15Page - Dallas Semiconductor DS1305_05 Datasheet HTML 16Page - Dallas Semiconductor DS1305_05 Datasheet HTML 17Page - Dallas Semiconductor DS1305_05 Datasheet HTML 18Page - Dallas Semiconductor DS1305_05 Datasheet HTML 19Page - Dallas Semiconductor DS1305_05 Datasheet HTML 20Page - Dallas Semiconductor DS1305_05 Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DS1305
19 of 21
SPI AC ELECTRICAL CHARACTERISTICS
(Over the operating range, unless otherwise specified.) (Figure 12 and Figure 13)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC = 2.0V
200
Data to CLK Setup
tDC
VCC = 5V
50
ns
5,6
VCC = 2.0V
280
CLK to Data Hold
tCDH
VCC = 5V
70
ns
5,6
VCC = 2.0V
800
CLK to Data Delay
tCDD
VCC = 5V
200
ns
5,6,7
VCC = 2.0V
1000
CLK Low Time
tCL
VCC = 5V
250
ns
6
VCC = 2.0V
1000
CLK High Time
tCH
VCC = 5V
250
ns
6
VCC = 2.0V
0.6
CLK Frequency
tCLK
VCC = 5V
DC
2.0
MHz
6
VCC = 2.0V
2000
CLK Rise and Fall
tR, tF
VCC = 5V
500
ns
VCC = 2.0V
4
CE to CLK Setup
tCC
VCC = 5V
1
µs
6
VCC = 2.0V
240
CLK to CE Hold
tCCH
VCC = 5V
60
ns
6
VCC = 2.0V
4
CE Inactive Time
tCWH
VCC = 5V
1
µs
6
VCC = 2.0V
280
CE to Output High-Z
tCDZ
VCC = 5V
70
ns
5,6


Similar Part No. - DS1305_05

ManufacturerPart #DatasheetDescription
Dallas Semiconductor
Dallas Semiconductor
DS1305E DALLAS-DS1305E Datasheet
257Kb / 22P
   Serial Alarm Real Time Clock RTC
Maxim Integrated Products
Maxim Integrated Produc...
DS1305E MAXIM-DS1305E Datasheet
315Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1305E MAXIM-DS1305E Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1305E++ MAXIM-DS1305E+ Datasheet
315Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1305E++ MAXIM-DS1305E+ Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
More results

Similar Description - DS1305_05

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
Dallas Semiconductor
Dallas Semiconductor
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
   Serial Alarm Real-Time Clock
Maxim Integrated Products
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
Dallas Semiconductor
Dallas Semiconductor
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
   Serial Alarm Real Time Clock RTC
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
   Serial Alarm Real Time Clock RTC
STMicroelectronics
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com