Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C056V-15BBC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C056V-15BBC
Description  3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C056V-15BBC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C056V-15BBC Datasheet HTML 5Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 6Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 7Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 8Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 9Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 10Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 11Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 12Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. *B
Page 9 of 23
Data Retention Mode
The CY7C056V and CY7C057V are designed with battery
backup in mind. Data retention voltage and supply current are
guaranteed over temperature. The following rules ensure data
retention:
1. Chip Enable (CE)[3] must be held HIGH during data
retention, within VDD to VDD – 0.2V.
2. CE must be kept between VDD – 0.2V and 70% of VDD
during the power-up and power-down transitions.
3. The RAM can begin operation >tRC after VDD reaches the
minimum operating voltage (3.15 volts).
Notes:
21. tBDD is a calculated parameter and is the greater of tWDD–tPWE (actual) or tDDD–tSD (actual).
22. CE = VDD, Vin = VSS to VDD, TA = 25°C. This parameter is guaranteed but not tested.
Busy Timing[20]
tBHC
BUSY HIGH from CE HIGH
12
15
20
ns
tPS
Port Set-Up for Priority
5
5
5
ns
tWB
R/W LOW after BUSY (Slave)
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH (Slave)
11
13
15
ns
tBDD[21]
BUSY HIGH to Data Valid
12
15
20
ns
Interrupt Timing[20]
tINS
INT Set Time
12
15
20
ns
tINR
INT Reset Time
12
15
20
ns
Semaphore Timing
tSOP
SEM Flag Update Pulse (OE or SEM)10
10
10
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
tSAA
SEM Address Access Time
12
15
20
ns
Switching Characteristics Over the Operating Range[14] (continued)
Parameter
Description
CY7C056V
CY7C057V
Unit
-12
-15
-20
Min.
Max.
Min.
Max.
Min.
Max.
Timing
Parameter
Test Conditions[22]
Max.
Unit
ICCDR1
@ VDDDR = 2V
50
µA
Data Retention Mode
3.15V
3.15V
VCC > 2.0V
VCC to VCC – 0.2V
VCC
CE
tRC
V
IH


Similar Part No. - CY7C056V-15BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V-15BBC CYPRESS-CY7C056V-15BBC Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
More results

Similar Description - CY7C056V-15BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com