Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1006BN Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1006BN
Description  256K x 4 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1006BN Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY7C1006BN Datasheet HTML 1Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 2Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 3Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 4Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 5Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 6Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 7Page - Cypress Semiconductor CY7C1006BN Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CY7C106BN
CY7C1006BN
Document #: 001-06429 Rev. **
Page 7 of 8
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
All product or company names mentioned in this document may be the trademarks of their respective holders.
Package Diagrams
MIN.
MAX.
PIN 1 ID
0.291
0.300
0.050
TYP.
0.007
0.013
0.330
0.350
0.120
0.140
0.025 MIN.
0.262
0.272
0.697
0.713
0.013
0.019
0.014
0.020
0.032
0.026
A
A
DETAIL
EXTERNAL LEAD DESIGN
OPTION 1
OPTION 2
1
14
15
28
0.004
SEATING PLANE
NOTE :
1. JEDEC STD REF MO088
2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH
MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.006 in (0.152 mm) PER SIDE
3. DIMENSIONS IN INCHES
51-85031-*C
28-pin (300-Mil) Molded SOJ (51-85031)
PIN 1 I.D
.435
.395
.445
.405
.128
.148
.360
.380
.026
.015
.032
.020
DIMENSIONS IN INCHES
MIN.
MAX.
.025 MIN.
.007
.013
.050
TYP.
.720
.730
1
14
15
28
0.004
SEATING PLANE
51-85032.*B
28-Lead (400-Mil) Molded SOJ (51-85032)


Similar Part No. - CY7C1006BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1006BN CYPRESS-CY7C1006BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C1006BN-15VC CYPRESS-CY7C1006BN-15VC Datasheet
363Kb / 8P
   256K x 4 Static RAM
More results

Similar Description - CY7C1006BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30_09 Datasheet
456Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146ESL CYPRESS-CY62146ESL_08 Datasheet
311Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18_10 Datasheet
505Kb / 16P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com