Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9940V-2AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B9940V-2AI
Description  High Speed Multifrequency PLL Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9940V-2AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B9940V-2AI Datasheet HTML 1Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 2Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 3Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 4Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 5Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 6Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 7Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 8Page - Cypress Semiconductor CY7B9940V-2AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RoboClockII™ Junior,
CY7B9930V, CY7B9940V
High Speed Multifrequency
PLL Clock Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07271 Rev. *C
Revised August 8, 2007
Features
12–100 MHz (CY7B9930V), or 24–200 MHz (CY7B9940V)
input/output operation
Matched pair output skew < 200 ps
Zero input-to-output delay
10 LVTTL 50% duty-cycle outputs capable of driving 50ω
terminated lines
Commercial temperature range with eight outputs at 200
MHz
Industrial temperature range with eight outputs at 200 MHz
3.3V LVTTL/LV differential (LVPECL), fault-tolerant and hot
insertable reference inputs
Multiply ratios of (1–6, 8, 10, 12)
Operation up to 12x input frequency
Individual output bank disable for aggressive power
management and EMI reduction
Output high impedance option for testing purposes
Fully integrated PLL with lock indicator
Low cycle-to-cycle jitter (<100 ps peak-peak)
Single 3.3V ± 10% supply
44-pin TQFP package
Functional Description
The CY7B9930V and CY7B9940V High-Speed Multifrequency
PLL Clock Buffers offer user-selectable control over system
clock functions. This multiple output clock driver provides the
system integrator with functions necessary to optimize the timing
of high performance computer or communication systems.
Ten configurable outputs can each drive terminated transmission
lines with impedances as low as 50
Ω while delivering minimal and
specified output skews at LVTTL levels. The outputs are arranged
in three banks. The FB feedback bank consists of two outputs,
which allows divide-by functionality from 1 to 12. Any one of
these ten outputs can be connected to the feedback input as well
as driving other inputs.
Selectable reference input is a fault tolerance feature that allows
smooth change over to secondary clock source, when the
primary clock source is not in operation. The reference inputs are
configurable to accommodate both LVTTL or differential
(LVPECL) inputs. The completely integrated PLL reduces jitter
and simplifies board layout.
3
3
3
3
FS
Output_Mode
FBDS0
FBDS1
DIS2
DIS1
QFA0
QFA1
2QA0
2QA1
2QB0
2QB1
1QA0
1QA1
1QB0
1QB1
LOCK
FBKA
REFA+
REFA–
REFB+
REFB–
REFSEL
Divide
Phase
Freq.
Detector
Filter
VCO
Control Logic
Divide
Generator
Feedback Bank
Bank 2
Bank 1
Matrix
Block Diagram
[+] Feedback


Similar Part No. - CY7B9940V-2AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9940V-2AI CYPRESS-CY7B9940V-2AI Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
More results

Similar Description - CY7B9940V-2AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com