Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C026A-12AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C026A-12AC
Description  16K x 16/18 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C026A-12AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C026A-12AC Datasheet HTML 1Page - Cypress Semiconductor CY7C026A-12AC Datasheet HTML 2Page - Cypress Semiconductor CY7C026A-12AC Datasheet HTML 3Page - Cypress Semiconductor CY7C026A-12AC Datasheet HTML 4Page - Cypress Semiconductor CY7C026A-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C026A-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C026A-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C026A-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C026A-12AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
16K x 16/18 Dual-Port Static RAM
CY7C026A
CY7C036A
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06046 Rev. *C
Revised September 6, 2005
Features
• True dual-ported memory cells that allow simultaneous
access of the same memory location
• 16K x 16 organization (CY7C026A)
• 16K x 18 organization (CY7C036A)
• 0.35-micron CMOS for optimum speed/power
• High-speed access: 12[1]/15/20 ns
• Low operating power
— Active: ICC = 180 mA (typical)
— Standby: ISB3 = 0.05 mA (typical)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 32/36 bits or more using
Master/Slave chip select when using more than one
device
• On-chip arbitration logic
• Semaphores included to permit software handshaking
between ports
•INT flags for port-to-port communication
• Separate upper-byte and lower-byte control
• Pin select for Master or Slave
• Commercial and Industrial temperature ranges
• Available in 100-Pin TQFP
• Pb-Free packages available
Notes:
1. See page 6 for Load Conditions.
2. I/O8–I/O15 for x16 devices; I/O9–I/O17 for x18 devices.
3. I/O0–I/O7 for x16 devices; I/O0–I/O8 for x18 devices.
4. BUSY is an output in master mode and an input in slave mode.
R/WL
OEL
I/O8/9L–I/O15/17L
I/O
Control
Address
Decode
A0L–A13L
CEL
OEL
R/WL
BUSYL
I/O
Control
CEL
Interrupt
Semaphore
Arbitration
SEML
INTL
M/S
UBL
LBL
I/O0L–I/O7/8L
R/WR
OER
I/O8/9L–I/O15/17R
CER
UBR
LBR
I/O0L–I/O7/8R
UBL
LBL
Logic Block Diagram
A0L–A13L
True Dual-Ported
RAM Array
A0R–A13R
CER
OER
R/WR
BUSYR
SEMR
INTR
UBR
LBR
Address
Decode
A0R–A13R
[2]
[2]
[3]
[3]
[4]
[4]
14
8/9
8/9
14
8/9
8/9
14
14
CY7C026A
CY7C036A16K x 16/18 Dual-Port Static RAM


Similar Part No. - CY7C026A-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A-12AC CYPRESS-CY7C026A-12AC Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C026A-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024V CYPRESS-CY7C024V Datasheet
248Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV_05 Datasheet
247Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C024AV CYPRESS-CY7C024AV Datasheet
241Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com