Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C018 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C018
Description  64K/128K x 8/9 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C018 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C018 Datasheet HTML 1Page - Cypress Semiconductor CY7C018 Datasheet HTML 2Page - Cypress Semiconductor CY7C018 Datasheet HTML 3Page - Cypress Semiconductor CY7C018 Datasheet HTML 4Page - Cypress Semiconductor CY7C018 Datasheet HTML 5Page - Cypress Semiconductor CY7C018 Datasheet HTML 6Page - Cypress Semiconductor CY7C018 Datasheet HTML 7Page - Cypress Semiconductor CY7C018 Datasheet HTML 8Page - Cypress Semiconductor CY7C018 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY7C008/009
CY7C018/019
Document #: 38-06041 Rev. *D
Page 5 of 19
.
Electrical Characteristics Over the Operating Range
Parameter
Description
CY7C008/009
CY7C018/019
Unit
-12[1]
-15
-20
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
VOH
Output HIGH Voltage
(VCC=Min., IOH= –4.0 mA)
2.4
2.4
2.4
V
VOL
Output LOW Voltage
(VCC=Min., IOH= +4.0 mA)
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
–10
10
µA
ICC
Operating Current
(VCC = Max., IOUT=0 mA)
Outputs Disabled
Com’l.
195
325
190
280
180
265
mA
Ind.[9]
305
290
mA
ISB1
Standby Current
(Both Ports TTL Level)
CEL & CER ≥ VIH, f = fMAX
Com’l.
55
75
50
70
45
65
mA
Ind.[9]
60
80
mA
ISB2
Standby Current
(One Port TTL Level)
CEL | CER ≥ VIH, f = fMAX
Com’l.
125
205
120
180
110
160
mA
Ind.[9]
125
175
mA
ISB3
Standby Current
(Both Ports CMOS Level)
CEL & CER ≥ VCC – 0.2V, f = 0
Com’l.
0.05
0.5
0.05
0.5
0.05
0.5
mA
Ind.[9]
0.05
0.5
mA
ISB4
Standby Current (One Port
CMOS Level)
CEL | CER ≥ VIH, f = fMAX[10]
Com’l.
115
185
110
160
100
140
mA
Ind.[9]
115
155
mA
Capacitance[11]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
Note:
10. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level
standby ISB3


Similar Part No. - CY7C018

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C018 CYPRESS-CY7C018 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C018-12AC CYPRESS-CY7C018-12AC Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C018-15AC CYPRESS-CY7C018-15AC Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C018-20AC CYPRESS-CY7C018-20AC Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C018V CYPRESS-CY7C018V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C018

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7018L IDT-IDT7018L Datasheet
142Kb / 17P
   HIGH-SPEED 64K x 9 DUAL-PORT STATIC RAM
IDT7019L IDT-IDT7019L Datasheet
160Kb / 17P
   HIGH-SPEED 128K x 9 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com