Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B951 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7B951
Description  Local Area Network ATM Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B951 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7B951 Datasheet HTML 1Page - Cypress Semiconductor CY7B951 Datasheet HTML 2Page - Cypress Semiconductor CY7B951 Datasheet HTML 3Page - Cypress Semiconductor CY7B951 Datasheet HTML 4Page - Cypress Semiconductor CY7B951 Datasheet HTML 5Page - Cypress Semiconductor CY7B951 Datasheet HTML 6Page - Cypress Semiconductor CY7B951 Datasheet HTML 7Page - Cypress Semiconductor CY7B951 Datasheet HTML 8Page - Cypress Semiconductor CY7B951 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Local Area Network ATM Transceiver
CY7B951
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-02010 Rev. *A
Revised October 26, 2006
Features
• SONET/SDH and ATM Compatible
• Compatible with PMC-Sierra PM5345 SUNI™
• Clock and data recovery from 51.84- or 155.52-MHz
datastream
• 155.52-MHz clock multiplication from 19.44-MHz source
• 51.84-MHz clock multiplication from 6.48-MHz source
±1% frequency agility
• Line Receiver Inputs: No external buffering required
• Differential output buffering
• • 100K ECL compatible I/O
• No output clock “drift” without data transitions
• Link Status Indication
• Loopback testing
• Single +5V supply
• 24-pin SOIC
• Compatible with fiber optic modules, coaxial cable, and
twisted pair media
• No external PLL components
• Power down options to minimize power or crosstalk
• Low operating current: <65 mA
• 0.8 µ BiCMOS
• Pb-Free Packages Available
Functional Description
The Local Area Network ATM Transceiver is used in
SONET/SDH and ATM applications to recover clock and data
information from a 155.52-MHz or 51.84-MHz NRZ or NRZI
serial data stream and to provide differential data buffering for
the Transmit side of the system.
Figure 1. SONET/SDH and ATM Interface
Logic Block Diagram
Pin Configuration


Similar Part No. - CY7B951

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
   Local Area Network ATM Transceiver
CY7B951-SC CYPRESS-CY7B951-SC Datasheet
150Kb / 9P
   Local Area Network ATM Transceiver
CY7B951-SI CYPRESS-CY7B951-SI Datasheet
150Kb / 9P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
   Local Area Network ATM Transceiver
More results

Similar Description - CY7B951

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
   Local Area Network ATM Transceiver
logo
List of Unclassifed Man...
HYC9068 ETC1-HYC9068 Datasheet
224Kb / 4P
   ARCNET Local area network driver land
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
   LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
Intersil Corporation
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
logo
Intel Corporation
82596CA INTEL-82596CA Datasheet
761Kb / 76P
   HIGH-PERFORMANCE 32-BIT LOCAL AREA NETWORK COPROCESSOR
logo
Intersil Corporation
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
logo
Intel Corporation
82596DX INTEL-82596DX Datasheet
787Kb / 77P
   HIGH-PERFORMANCE 32-BIT LOCAL AREA NETWORK COPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com