Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23PSC101KLB22A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 23PSC101KLB22A
Description  Spindle Operated Potentiometers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23PSC101KLB22A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  23PSC101KLB22A Datasheet HTML 1Page - List of Unclassifed Manufacturers 23PSC101KLB22A Datasheet HTML 2Page - List of Unclassifed Manufacturers 23PSC101KLB22A Datasheet HTML 3Page - List of Unclassifed Manufacturers 23PSC101KLB22A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
% EFFECTIVE ELECTRICAL CLOCKWISE ROTATION
0
20
10
30
40
50
60
70
80
90
100
10
20
30
0
50
40
60
70
80
90
100
A
B
C
A. - Linear
B. - Log
C. - Inverse Log
SPECIFICATION
Operating Torque:
Mechanical Rotation:
End Stop Torque:
15 mNm maximum
300°
800 mNm maximum
ELECTRICAL
Resistance Range ( Law ):
Resistance Values:
Resistance Tolerance:
Rated Dissipation at 40°C:
Limiting Element Voltage:
Electrical Rotation:
Terminal Resistance:
Noise (ENR):
Insulation Resistance:
Voltage Proof:
1K to 1M (Linear)
4K7 to 470K (Non Linear)
1, 2.2 and 4.7 per decade
± 20% (± 10% by selection)
0.4W (Linear), 0.2W (Non Linear)
500V DC or AC RMS
267° without switch, 232° with switch
5 Ohms maximum
2% maximum (Linear), 3% maximum (Non Linear)
4G minimum
1000 V AC peak
RESISTANCE LAWS
MECHANICAL
ENVIONROMENTAL
Limits of Resistance Change:
Temperature characteristics of resistance:
Bump Severity:
Vibration Severity:
Climatic Catagory:
Mechanical Endurance:
15% (After 1000 hours endurance)
5% ( -55°C to 125°C )
390m/s², 4000 Bumps
10 - 500 Hz, 0.75mm or 98m/s²
8 days @ 36°C 82% RH
R < 15%
15000 Operations (minimum)
DIY DESIGN
The 23 Series can be customised to suit your individual requirements with features such as detent action, track centre tap etc.
Please call our technical sales team to discuss variations on these 20mm diameter devices.
TYPE 23 SERIES
2 OF 4


Similar Part No. - 23PSC101KLB22A

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
23PAR38/27 SATCO-23PAR38/27 Datasheet
131Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
23PAR38/27 SATCO-23PAR38/27 Datasheet
132Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 2-pack
23PAR38/27/230V SATCO-23PAR38/27/230V Datasheet
133Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 230 volts
23PAR38/41 SATCO-23PAR38/41 Datasheet
131Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
logo
List of Unclassifed Man...
23PL003 ETC2-23PL003 Datasheet
84Kb / 2P
   NEMA 23 Planetary Gearhead
More results

Similar Description - 23PSC101KLB22A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1624191-7 MACOM-1624191-7 Datasheet
264Kb / 3P
   Spindle Operated Potentiometers
logo
TE Connectivity Ltd
17P TEC-17P Datasheet
662Kb / 2P
   Spindle Operated Potentiometers
logo
Tyco Electronics
1625932-8 MACOM-1625932-8 Datasheet
304Kb / 1P
   Spindle Operated Potentiometers
logo
STMicroelectronics
L6232A STMICROELECTRONICS-L6232A Datasheet
533Kb / 8P
   SPINDLE DRIVER
L6232B STMICROELECTRONICS-L6232B Datasheet
534Kb / 8P
   SPINDLE DRIVER
L6232E STMICROELECTRONICS-L6232E Datasheet
114Kb / 10P
   SPINDLE DRIVER
logo
Baumer IVO GmbH & Co. K...
N150 IVO-N150 Datasheet
457Kb / 4P
   Spindle Position Displays
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Baumer IVO GmbH & Co. K...
N140 IVO-N140 Datasheet
453Kb / 4P
   Spindle Position Displays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com