Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTV857ZC-32 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2SSTV857ZC-32
Description  Differential Clock Buffer/Driver DDR400/PC3200-Compliant
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTV857ZC-32 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2SSTV857ZC-32 Datasheet HTML 1Page - Cypress Semiconductor CY2SSTV857ZC-32 Datasheet HTML 2Page - Cypress Semiconductor CY2SSTV857ZC-32 Datasheet HTML 3Page - Cypress Semiconductor CY2SSTV857ZC-32 Datasheet HTML 4Page - Cypress Semiconductor CY2SSTV857ZC-32 Datasheet HTML 5Page - Cypress Semiconductor CY2SSTV857ZC-32 Datasheet HTML 6Page - Cypress Semiconductor CY2SSTV857ZC-32 Datasheet HTML 7Page - Cypress Semiconductor CY2SSTV857ZC-32 Datasheet HTML 8Page - Cypress Semiconductor CY2SSTV857ZC-32 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY2SSTV857-32
Document #: 38-07557 Rev. *E
Page 6 of 9
Absolute Maximum Conditions[2]
Input Voltage Relative to VSS:...............................VSS – 0.3V
Input Voltage Relative to VDDQ or AVDD: ........... VDDQ + 0.3V
Storage Temperature: ................................–65°C to + 150°C
Operating Temperature: ................................–40°C to +85°C
Maximum Power Supply: ................................................3.5V
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any
voltage higher than the maximum rated voltages to this circuit.
For proper operation, Vin and Vout should be constrained to the
range:
VSS < (Vin or Vout) < VDDQ.
Unused inputs must always be tied to an appropriate logic
voltage level (either VSS or VDDQ).
DC Electrical Specifications[3]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
VDDQ
Supply Voltage
Operating
2.375
2.625
V
VIL
Input Low Voltage
PD#
0.3 × VDDQ
V
VIH
Input High Voltage
0.7 × VDDQ
––
V
VID
Differential Input Voltage[4]
CLK, FBIN
0.36
VDDQ + 0.6
V
VIX
Differential Input Crossing
Voltage[5]
CLK, FBIN
(VDDQ/2) – 0.2 VDDQ/2 (VDDQ/2) + 0.2 V
IIN
Input Current [CLK, FBIN, PD#] VIN = 0V or VIN = VDDQ
–10
10
µA
IOL
Output Low Current
VDDQ = 2.375V, VOUT = 1.2V
26
35
mA
IOH
Output High Current
VDDQ = 2.375V, VOUT = 1V
28
–32
mA
VOL
Output Low Voltage
VDDQ= 2.375V, IOL = 12 mA
0.6
V
VOH
Output High Voltage
VDDQ = 2.375V, IOH = –12 mA
1.7
V
VOUT
Output Voltage Swing[6]
1.1
VDDQ – 0.4
V
VOC
Output Crossing Voltage[7]
(VDDQ/2) – 0.2 VDDQ/2 (VDDQ/2) + 0.2 V
IOZ
High-Impedance Output Current VO = GND or VO = VDDQ
–10
10
µA
IDDQ
Dynamic Supply Current[8]
All VDDQ, FO = 200 MHz
235
300
mA
IDD
PLL Supply Current
VDDA only
9
12
mA
IDDS
Standby Supply Current
PD# = 0 and CLK/CLK# = 0 MHz
100
µA
Cin
Input Pin Capacitance
2
3.5
pF
AC Electrical Specifications [9, 10]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
fCLK
Operating Clock Frequency
AVDD, VDDQ = 2.6V ± 0.1V
60
230
MHz
tDC
Input Clock Duty Cycle
40
60
%
tLOCK
Maximum PLL Lock Time
100
µs
DTYC
Duty Cycle[11]
60 MHz to 100 MHz
49
50
51
%
101 MHz to 170 MHz
48
52
%
tsl(o)
Output Clocks Slew Rate
20%–80% of VOD
1
2
V/ns
tPZL, tPZH
Output Enable Time[12] (all outputs)
3
25
ns
tPLZ, tPHZ
Output Disable Time[12] (all outputs)
3
8
ns
Notes:
2. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
3. Unused inputs must be held HIGH or LOW to prevent them from floating.
4. Differential input signal voltage specifies the differential voltage VTR–VCPI required for switching, where VTR is the true input level and VCP is the complementary
input level. See Figure 6.
5. Differential cross-point input voltage is expected to track VDDQ and is the voltage at which the differential signal must be crossing.
6. For load conditions see Figure 6.
7. The value of VOC is expected to be (VTR + VCP)/2. In case of each clock directly terminated by a 120
Ω resistor. See Figure 6.
8. All outputs switching load with 14 pF in 60
Ω environment. See Figure 6.
9. Parameters are guaranteed by design and characterization. Not 100% tested in production.
10. PLL is capable of meeting the specified parameters while supporting SSC synthesizers with modulation frequency between 30 kHz and 50 kHz with a down
spread or –0.5%.
11. While the pulse skew is almost constant over frequency, the duty cycle error increases at higher frequencies. This is due to the formula: duty cycle = tWHC/tC,
where the cycle time(tC) decreases as the frequency goes up.
12. Refers to transition of non-inverting output.


Similar Part No. - CY2SSTV857ZC-32

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTV857ZC-32 SPECTRALINEAR-CY2SSTV857ZC-32 Datasheet
108Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
CY2SSTV857ZC-32T SPECTRALINEAR-CY2SSTV857ZC-32T Datasheet
108Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
More results

Similar Description - CY2SSTV857ZC-32

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTV857-32 SPECTRALINEAR-CY2SSTV857-32 Datasheet
108Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Silicon Laboratories
CY2SSTV857ZXC-32 SILABS-CY2SSTV857ZXC-32 Datasheet
96Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Cypress Semiconductor
CY28351 CYPRESS-CY28351 Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
CY28352 CYPRESS-CY28352 Datasheet
172Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28352 SPECTRALINEAR-CY28352 Datasheet
118Kb / 7P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
Cypress Semiconductor
CY2SSTV857-27 CYPRESS-CY2SSTV857-27 Datasheet
150Kb / 9P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
logo
SpectraLinear Inc
CY2SSTV857-27 SPECTRALINEAR-CY2SSTV857-27 Datasheet
134Kb / 8P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com