Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN921025H Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCAN921025H
Description  High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN921025H Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button SCAN921025H Datasheet HTML 2Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 3Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 4Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 5Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 6Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 7Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 8Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 9Page - National Semiconductor (TI) SCAN921025H Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DESERIALIZER Bus LVDS DC SPECIFICATIONS (apply to pins RI+ and RI−)
VTH
Differential Threshold High Voltage
VCM = +1.1V
+6
+50
mV
VTL
Differential Threshold Low Voltage
−50
−12
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V or 0V
−10
±1
+10
µA
V
IN = 0V, VCC = 3.6V or 0V
−10
±0.05
+10
µA
SERIALIZER SUPPLY CURRENT (apply to pins DVCC and AVCC)
I
CCD
Serializer Supply Current
RL = 27
f = 20 MHz
45
60
mA
Worst Case
Figure 2
f = 80 MHz
90
105
mA
I
CCXD
Serializer Supply Current Powerdown PWRDN = 0.8V, f = 80MHz
0.2
2.0
mA
DESERIALIZER SUPPLY CURRENT (apply to pins DVCC and AVCC)
I
CCR
Deserializer Supply Current
C
L = 15 pF
f = 20 MHz
50
75
mA
Worst Case
Figure 3
f = 80 MHz
100
120
mA
I
CCXR
Deserializer Supply Current
Powerdown
PWRDN = 0.8V, REN = 0.8V
0.36
1.0
mA
SCAN CIRCUITRY DC SPECIFICATIONS, SERIALIZER AND DESERIALIZER (applies to SCAN pins as noted)
V
IH
High Level Input Voltage
V
CC = 3.0 to 3.6V, pins TCK, TMS, TDI,
and TRST
2.0
V
CC
V
V
IL
Low Level Input Voltage
V
CC = 3.0 to 3.6V, pins TCK, TMS, TDI,
and TRST
GND
0.8
V
V
CL
Input Clamp Voltage
V
CC = 3.0V, ICL = −18 mA, pins TCK, TMS,
TDI, and TRST
−0.85
−1.5
V
I
IH
Input Current
V
CC = 3.6V, VIN = 3.6V, pins TCK, TMS,
TDI, and TRST
1
+10
µA
I
IL
Input Current
V
CC = 3.6V, VIN = 0.0V, TCK Input
-10
-1
µA
I
ILR
Input Current
V
CC = 3.6V, VIN = 0V, pins TMS, TDI, and
TRST
-20
-10
µA
V
OH
High Level Output Voltage
V
CC = 3.0V, IOH = −12 mA, TDO output
2.2
2.6
V
V
OL
Low Level Output Voltage
V
CC = 3.0V, IOL = 12 mA, TDO output
0.3
0.5
V
I
OS
Output Short Circuit Current
V
CC = 3.6V, VOUT = 0.0V, TDO output
-15
-90
-120
mA
I
OZ
TRI-STATE Output Current
PWRDN or REN = 0.8V, V
OUT =0VorVCC
−10
0
+10
µA
Serializer Timing Requirements for TCLK
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
TCP
Transmit Clock Period
12.5
T
50.0
ns
t
TCIH
Transmit Clock High Time
0.4T
0.5T
0.6T
ns
t
TCIL
Transmit Clock Low Time
0.4T
0.5T
0.6T
ns
t
CLKT
TCLK Input Transition
Time
36
ns
t
JIT
TCLK Input Jitter
150
ps
(RMS)
Serializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
LLHT
Bus LVDS Low-to-High
Transition Time
R
L =27
C
L=10pF to GND
Figure 4
(Note 4)
0.2
0.4
ns
t
LHLT
Bus LVDS High-to-Low
Transition Time
0.25
0.4
ns
www.national.com
6


Similar Part No. - SCAN921025H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921025H NSC-SCAN921025H Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025HSM NSC-SCAN921025HSM Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025HSM TI1-SCAN921025HSM Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025HSM/NOPB TI1-SCAN921025HSM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025HSMX/NOPB TI1-SCAN921025HSMX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
More results

Similar Description - SCAN921025H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921025H NSC-SCAN921025H Datasheet
527Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025H TI1-SCAN921025H_15 Datasheet
1Mb / 29P
[Old version datasheet]   SCAN921025H and SCAN921226H High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
   30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
[Old version datasheet]   SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
[Old version datasheet]   SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
   X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN926260 NSC-SCAN926260 Datasheet
372Kb / 18P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN921260 TI1-SCAN921260 Datasheet
739Kb / 22P
[Old version datasheet]   SCAN921260 X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
National Semiconductor ...
SCAN926260 NSC-SCAN926260_08 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
SCAN926260 NSC-SCAN926260_03 Datasheet
395Kb / 20P
   Six 1 to 10 Bus LVDS Deserializers with IEEE 1149.1 and At-Speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com