Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3674MF-ADJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3674MF-ADJ
Description  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3674MF-ADJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3674MF-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM3674MF-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM3674MF-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM3674MF-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM3674MF-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM3674MF-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM3674MF-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM3674MF-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM3674MF-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin: Voltage to GND
−0.2V to 6.0V
EN, FB, SW Pin:
(GND−0.2V) to
(V
IN + 0.2V)
Continuous Power Dissipation
Internally Limited
Junction Temperature (T
J-MAX)
+125˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Lead Temperature
(Soldering, 10 sec.)
260˚C
ESD Rating (Note 3)
Human Body model: All Pins
2 kV
Machine Model: All Pins
200V
Operating Ratings (Notes 1, 2)
Input Voltage Range (Note 11)
2.7V to 5.5V
Recommended Load Current
0A to 600 mA
Junction Temperature (T
J) Range
−30˚C to +125˚C
Ambient Temperature (T
A) Range
−30˚C to +85˚C
Thermal Properties
Junction-to-Ambient
Thermal Resistance (
θ
JA)
(SOT23-5) for a 2 layer
board (Note 6)
Junction-to-Ambient
Thermal Resistance (
θ
JA)
(SOT23-5) for a 4 layer
board (Note 6)
250˚C/W
130˚C/W
Electrical Characteristics (Notes 2, 9, 10) Limits in standard typeface are for T
J = 25˚C. Limits in boldface
type apply over the full operating junction temperature range (−30˚C
≤ T
J
≤ 125˚C). Unless otherwise noted, specifications
apply to the LM3674 with V
IN = EN = 3.6V
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
FB
Feedback Voltage (Note 12, 13)
I
O = 10mA
-4
+4
%
Line Regulation
2.7V
≤ V
IN
≤ 5.5V
I
O = 100 mA
0.083
%/V
Load Regulation
100 mA
≤ I
O
≤ 600 mA
V
IN = 3.6V
0.0010
%/mA
V
REF
Internal Reference Voltage
(Note 7)
0.5
V
I
SHDN
Shutdown Supply Current
EN = 0V
0.01
1
µA
I
Q
DC Bias Current into V
IN
No load, device is not
switching (FB=0V)
300
600
µA
R
DSON (P)
Pin-Pin Resistance for PFET
I
SW = 200mA
380
500
m
R
DSON (N)
Pin-Pin Resistance for NFET
I
SW = 200mA
250
400
m
I
LIM
Switch Peak Current Limit
Open Loop (Note 8)
830
1020
1200
mA
V
IH
Logic High Input
1.0
V
V
IL
Logic Low Input
0.4
V
I
EN
Enable (EN) Input Current
0.01
1
µA
F
OSC
Internal Oscillator Frequency
PWM Mode
1.6
2
2.6
MHz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin (MIL-STD-883 3015.7). National Semiconductor recommends that all intergrated circuits be handled with appropriate precautions. Failure to
observe proper ESD handling techniques can result in damage.
Note 4: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150˚C (typ.) and disengages at TJ =
130˚C
Note 5: In Applications where high power dissipation and /or poor package resistance is present, the maximum ambient temperature may have to be derated.
Maximum ambient temperature (TA-MAX ) is dependent on the maximum operating junction temperature (TJ-MAX ), the maximum power dissipation of the device in
the application (PD-MAX ) and the junction to ambient thermal resistance of the package (θJA) in the application, as given by the following equation: TA-MAX =TJ-MAX-
(
θJA xPD-MAX). Refer to Dissipation ration table for PD-MAX values at different ambient temperatures.
Note 6: Junction to ambient thermal resistance is highly application and board layout dependent. In applications where high power dissipation exists, special care
must be given to thermal dissipation issues in board design. Value specified here 250˚C/W is based on measurement results using a 2 layer, 4" X 3", 2 oz. Cu board
as per JEDEC standards. The (
θJA) is 130˚C/W if a 4 layer, 4" X 3", 2/1/1/2 oz. Cu board as per JEDEC standards is used.
Note 7: For the ADJ version the resistor dividers should be selected such that at the desired output voltage, the voltage at the FB pin is 0.5V.
Note 8: Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and temperature. Electrical Characteristic table reflects open
loop data (FB=0V and current drawn from SW pin ramped up until cycle by cycle current limit is activated). Closed loop current limit is the peak inductor current
measured in the application circuit by increasing output current until output voltage drops by 10%.
Note 9: Min and Max limits are guaranteed by design, test or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 10: The parameters in the electrical characteristic table are tested at VIN = 3.6V unless otherwise specified. For performance over the input voltage range refer
to datasheet curves.
www.national.com
4


Similar Part No. - LM3674MF-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674MF-ADJ NSC-LM3674MF-ADJ Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674MF-ADJ TI1-LM3674MF-ADJ Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3674MF-ADJ/NOPB TI1-LM3674MF-ADJ/NOPB Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results

Similar Description - LM3674MF-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com