Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3674MFX-1.8 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3674MFX-1.8
Description  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3674MFX-1.8 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3674MFX-1.8 Datasheet HTML 1Page - National Semiconductor (TI) LM3674MFX-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LM3674MFX-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LM3674MFX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LM3674MFX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LM3674MFX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LM3674MFX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LM3674MFX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LM3674MFX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM3674
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
General Description
The LM3674 step-down DC-DC converter is optimized for
powering low voltage circuits from a single Li-Ion cell battery
and input voltage rails from 2.7V to 5.5V. It provides up to
600mA load current, over the entire input voltage range.
There are several fixed output voltages and adjustable out-
put voltage versions.
The device offers superior features and performance for
mobile phones and similar portable systems. During PWM
mode, the device operates at a fixed-frequency of 2 MHz
(typ). Internal synchronous rectification provides high effi-
ciency during PWM mode operation. In shutdown mode, the
device turns off and reduces battery consumption to 0.01 µA
(typ).
The LM3674 is available in SOT23-5 in leaded (PB) and
lead-free (NO PB) versions. A high switching frequency of 2
MHz (typ) allows use of only three tiny external surface-
mount components, an inductor and two ceramic capacitors.
Features
n
600mA max load current
n
Input voltage range from 2.7V to 5.5V
n
Available in fixed and adjustable output voltages ranging
from 1.0V to 3.3V
n
Operates from a single Li-Ion cell Battery
n
Internal synchronous rectification for high efficiency
n
Internal soft start
n
0.01 µA typical shutdown current
n
2 MHz PWM fixed switching frequency (typ)
n
SOT23-5 package
n
Current overload protection and Thermal shutdown
protection
Applications
n
Mobile phones
n
PDAs
n
MP3 players
n
Portable instruments
n
W-LAN
n
Digital still cameras
n
Portable Hard disk drives
Typical Application
20167201
FIGURE 1. Typical Application Circuit
September 2006
© 2006 National Semiconductor Corporation
DS201672
www.national.com


Similar Part No. - LM3674MFX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674MFX-1.8 NSC-LM3674MFX-1.8 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674MFX-1.8 TI1-LM3674MFX-1.8 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3674MFX-1.8/NOPB TI1-LM3674MFX-1.8/NOPB Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3674MFX-1.875 TI1-LM3674MFX-1.875 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3674MFX-1.875/NOPB TI1-LM3674MFX-1.875/NOPB Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results

Similar Description - LM3674MFX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com