Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC64M4A2 Datasheet(PDF) 18 Page - Micron Technology

Part # MT48LC64M4A2
Description  Synchronous DRAM 256Mb: x4, x8, x16 SDRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC64M4A2 Datasheet(HTML) 18 Page - Micron Technology

Back Button MT48LC64M4A2_99 Datasheet HTML 14Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 15Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 16Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 17Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 18Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 19Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 20Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 21Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 22Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
PDF: 09005aef8091e6d1/Source: 09005aef8091e6a8
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256MSDRAM_2.fm - Rev. L 10/07 EN
18
©1999 Micron Technology, Inc. All rights reserved.
256Mb: x4, x8, x16 SDRAM
Functional Description
Figure 7:
Mode Register Definition
Operating Mode
The normal operating mode is selected by setting M7 and M8 to zero; the other combi-
nations of values for M7 and M8 are reserved for future use and/or test modes. The
programmed BL applies to both READ and WRITE bursts.
Test modes and reserved states should not be used because unknown operation or
incompatibility with future versions may result.
Write Burst Mode
When M9 = 0, BL programmed via M0–M2 applies to both READ and WRITE bursts;
when M9 = 1, the programmed BL applies to READ bursts, but write accesses are single-
location (nonburst) accesses.
M3 = 0
1
2
4
8
Reserved
Reserved
Reserved
Full Page
M3 = 1
1
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Standard Operation
All other states reserved
0
0
Defined
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
3
Reserved
Reserved
Reserved
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS Latency
BT
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Mode Register (Mx)
Address Bus
9
7
65
4
3
8
2
1
0
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8
M7
Op Mode
A10
A11
10
11
Reserved
WB
0
1
Write Burst Mode
Programmed Burst Length
Single Location Access
M9
Program
BA1, BA0 = “0, 0”
to ensure compatibility
with future devices.
A12
12


Similar Part No. - MT48LC64M4A2_99

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2BB1 MICRON-MT48LC64M4A2BB1 Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC64M4A2FB1 MICRON-MT48LC64M4A2FB1 Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC64M4A2P MICRON-MT48LC64M4A2P Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC64M4A2TG MICRON-MT48LC64M4A2TG Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2_03 Datasheet
1Mb / 61P
   SYNCHRONOUS DRAM 256Mb: x4, x8, x16 SDRAM
More results

Similar Description - MT48LC64M4A2_99

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2_03 Datasheet
1Mb / 61P
   SYNCHRONOUS DRAM 256Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT40A1G4HX-083E MICRON-MT40A1G4HX-083E Datasheet
10Mb / 365P
   4Gb: x4, x8, x16 DDR4 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com