Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT48LC64M4A2 Datasheet(PDF) 53 Page - Micron Technology

Part # MT48LC64M4A2
Description  Synchronous DRAM 256Mb: x4, x8, x16 SDRAM
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC64M4A2 Datasheet(HTML) 53 Page - Micron Technology

Back Button MT48LC64M4A2_99 Datasheet HTML 49Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 50Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 51Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 52Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 53Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 54Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 55Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 56Page - Micron Technology MT48LC64M4A2_99 Datasheet HTML 57Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
PDF: 09005aef8091e6d1/Source: 09005aef8091e6a8
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256MSDRAM_2.fm - Rev. L 10/07 EN
53
©1999 Micron Technology, Inc. All rights reserved.
256Mb: x4, x8, x16 SDRAM
Electrical Specifications
Notes: 1. Note 21 on page 54 does not apply for this speed grade and should read “Based on
tCK = 6ns.”
Table 21:
AC Functional Characteristics (-6A)
Notes 5, 6, 7, 8, 9, 11 apply to the entire table; notes appear on page 54
Parameter
Symbol
-6A
Units
Notes
READ/WRITE command to READ/WRITE command
tCCD
1
tCK
17
CKE to clock disable or power-down entry mode
tCKED
1
tCK
14
CKE to clock enable or power-down exit setup mode
tPED
1
tCK
14
DQM to input data delay
tDQD
0
tCK
17
DQM to data mask during WRITEs
tDQM
0
tCK
17
DQM to data high-impedance during READs
tDQZ
2
tCK
17
WRITE command to input data delay
tDWD
0
tCK
17
Data-in to ACTIVE command
tDAL
4
tCK
15, 211
Data-in to PRECHARGE command
tDPL
2
tCK
16, 21
Last data-in to burst STOP command
tBDL
1
tCK
17
Last data-in to new READ/WRITE command
tCDL
1
tCK
17
Last data-in to PRECHARGE command
tRDL
2
tCK
16, 21
LOAD MODE REGISTER command to ACTIVE or REFRESH command
tMRD
2
tCK
26
Data-out to high-impedance from PRECHARGE command
CL = 3
tROH(3)
3
tCK
17
Table 22:
AC Functional Characteristics (-7E, -75)
Notes 5, 6, 7, 8, 9, 11 apply to the entire table; notes appear on page 54
Parameter
Symbol
-7E
-75
Units
Notes
READ/WRITE command to READ/WRITE command
tCCD
1
1
tCK
17
CKE to clock disable or power-down entry mode
tCKED
1
1
tCK
14
CKE to clock enable or power-down exit setup mode
tPED
1
1
tCK
14
DQM to input data delay
tDQD
0
0
tCK
17
DQM to data mask during WRITEs
tDQM
0
0
tCK
17
DQM to data High-Z during READs
tDQZ
2
2
tCK
17
WRITE command to input data delay
tDWD
0
0
tCK
17
Data-in to ACTIVE command
tDAL
4
5
tCK
15, 21
Data-in to PRECHARGE command
tDPL
2
2
tCK
16, 21
Last data-in to BURST STOP command
tBDL
1
1
tCK
17
Last data-in to new READ/WRITE command
tCDL
1
1
tCK
17
Last data-in to PRECHARGE command
tRDL
2
2
tCK
16, 21
LOAD MODE REGISTER command to ACTIVE or REFRESH command
tMRD
2
2
tCK
26
Data-out to High-Z from PRECHARGE command
CL = 3
tROH(3)
3
3
tCK
17
CL = 2
tROH(2)
2
2
tCK
17


Similar Part No. - MT48LC64M4A2_99

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2BB1 MICRON-MT48LC64M4A2BB1 Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC64M4A2FB1 MICRON-MT48LC64M4A2FB1 Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC64M4A2P MICRON-MT48LC64M4A2P Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC64M4A2TG MICRON-MT48LC64M4A2TG Datasheet
3Mb / 86P
   SDR SDRAM
MT48LC64M4A2 MICRON-MT48LC64M4A2_03 Datasheet
1Mb / 61P
   SYNCHRONOUS DRAM 256Mb: x4, x8, x16 SDRAM
More results

Similar Description - MT48LC64M4A2_99

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2_03 Datasheet
1Mb / 61P
   SYNCHRONOUS DRAM 256Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
MT47H16M16BG-3ITB MICRON-MT47H16M16BG-3ITB Datasheet
1Mb / 129P
   256Mb: x4, x8, x16 DDR2 SDRAM
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
MT47H64M16HR-25ELH MICRON-MT47H64M16HR-25ELH Datasheet
1Mb / 132P
   1Gb: x4, x8, x16 DDR2 SDRAM
logo
Alliance Semiconductor ...
MT47H128M16PK-25E ALSC-MT47H128M16PK-25E Datasheet
2Mb / 133P
   2Gb: x4, x8, x16 DDR2 SDRAM
logo
Micron Technology
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT40A1G4HX-083E MICRON-MT40A1G4HX-083E Datasheet
10Mb / 365P
   4Gb: x4, x8, x16 DDR4 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com