Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA547F Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA547F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA547F Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA547F Datasheet HTML 6Page - Burr-Brown (TI) OPA547F Datasheet HTML 7Page - Burr-Brown (TI) OPA547F Datasheet HTML 8Page - Burr-Brown (TI) OPA547F Datasheet HTML 9Page - Burr-Brown (TI) OPA547F Datasheet HTML 10Page - Burr-Brown (TI) OPA547F Datasheet HTML 11Page - Burr-Brown (TI) OPA547F Datasheet HTML 12Page - Burr-Brown (TI) OPA547F Datasheet HTML 13Page - Burr-Brown (TI) OPA547F Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OPA547
10
SBOS056A
www.ti.com
THERMAL PROTECTION
The OPA547 has thermal shutdown that protects the ampli-
fier from damage. Activation of the thermal shutdown cir-
cuit during normal operation is an indication of excessive
power dissipation or an inadequate heat sink. Depending on
load and signal conditions, the thermal protection circuit
may cycle on and off. This limits the dissipation of the
amplifier but may have an undesirable effect on the load.
The thermal protection activates at a junction temperature of
approximately 160
°C. However, for reliable operation junc-
tion temperature should be limited to 150
°C. To estimate the
margin of safety in a complete design (including heat sink),
increase the ambient temperature until the thermal protection
is activated. Use worst-case load and signal conditions. For
good reliability, the thermal protection should trigger more
than 35
°C above the maximum expected ambient condition
of your application. This produces a junction temperature of
125
°C at the maximum expected ambient condition.
ENABLE/STATUS (E/S) PIN
The Enable/Status Pin provides two functions: forcing this
pin low disables the output stage, or, E/S can be monitored
to determine if the OPA547 is in thermal shutdown. One or
both of these functions can be utilized on the same device
using single or dual supplies. For normal operation (output
enabled), the E/S pin can be left open or pulled high (at least
+2.4V above the negative rail).
Output Disable
A unique feature of the OPA547 is its output disable capa-
bility. This function not only conserves power during idle
periods (quiescent current drops to approximately 4mA) but
also allows multiplexing in low frequency (f<10kHz), mul-
tichannel applications. Signals that are greater than 10kHz
may cause leakage current to increase in devices that are
shutdown. Figure 15 shows the two OPA547s in a switched
amplifier configuration. The on/off state of the two amplifi-
ers is controlled by the voltage on the E/S pin.
To disable the output, the E/S pin is pulled low, no greater
than 0.8V above the negative rail. Typically the output is
shutdown in 1
µs. Figure 5 provides an example of how to
implement this function using a single supply. Figure 6 gives
a circuit for dual supply applications. To return the output to
an enabled state, the E/S pin should be disconnected (open) or
pulled to at least (V–) + 2.4V. It should be noted that pulling
the E/S pin high (output enabled) does not disable internal
thermal shutdown.
OPA547
V+
E/S
V–
NOTE: (1) Optional—may be required to limit leakage
current of optocoupler at high temperatures.
(1)
6
1
1
4N38
Optocoupler
5
4
HCT or TTL In
5V
FIGURE 6. Output Disable with Dual Supplies.
Thermal Shutdown Status
Internal thermal shutdown circuitry shuts down the output
when the die temperature reaches approximately 160
°C, reset-
ting when the die has cooled to 140
°C. The E/S pin can be
monitored to determine if shutdown has occurred. During
normal operation the voltage on the E/S pin is typically 3.5V
above the negative rail. Once shutdown has occurred this
voltage drops to approximately 350mV above the negative rail.
Figure 7 gives an example of monitoring shutdown in a
single supply application. Figure 8 provides a circuit for dual
supplies. External logic circuitry or an LED could be used to
indicate if the output has been thermally shutdown, see
Figure 13.
FIGURE 7. Thermal Shutdown Status with a Single Supply.
FIGURE 8. Thermal Shutdown Status with Dual Supplies.
FIGURE 5. Output Disable with a Single Supply.
OPA547
V+
E/S
HCT
OR
TTL
2.49k
Zetex
ZVN3310
5V
V–
OPA547
V+
E/S
V–
1k
5V
22k
470
2N3906
Zetex
ZVN3310
OPA547
V+
E/S
V–
CMOS or TTL


Similar Part No. - OPA547F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA547F BURR-BROWN-OPA547F Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F BURR-BROWN-OPA547F Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F/500 BURR-BROWN-OPA547F/500 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F/500G3 BURR-BROWN-OPA547F/500G3 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547FKTWT BURR-BROWN-OPA547FKTWT Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA547F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com