Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT240128ASR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT240128ASR
Description  1/64Duty 1/9 Bias Gray mode STN Transflective
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RT240128ASR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT240128ASR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*240X128 DOTS
*1/64Duty 1/9 Bias Gray mode STN Transflective
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
PIN CONNECTION
MECHANICAL DATA (Nominal dimensions)
Pin No. Symbol Level
Function
module size-----------------144.0Wx104.0Hx10.0D mm
1
FG
0V
Frame ground
Effective display area ------------ 114.0Wx64.0H mm
2
VSS
0V
Groud
Dots pitch---------------------------- 0.45Wx0.45H mm
3
VDD
+5V Power supply
Dot size------------------------------- 0.40Wx0.40H mm
Operating voltage
for LCD drive
ABSOLUTE MAXIMUM RATINGS min max
5
/WR
H/L
Write singal
Power supply voltage(Vdd)-------------
0.3
7.0V
6
/RD
H/L
Read singal
LCD-drive Voltage(Vlcd)-------- VDD+0.3 VDD-3.0V
7CE
L
Chip enable signal
Operating temperature(Ta) ------------------- 0
60℃
H:Instrction code
Stroage temperature(Tstg) -------------------- -10 70℃
L:Daa code
9
RESET
L
Reset singal
ELECTRICAL CHARACTERISTICS min max
10
D0
Ta=25℃, Vdd=5.0V+0.25V
11
D1
Input 'high'
voltage(ViH)(V) ----------0.7Vdd
Vdd
12
D2
Input 'low' voltage(ViL)(V) --------------- 0
0.3Vdd
13
D3
Power supply current(Idd)(mA) ----------- --
--
14
D4
Supply lcd current(Ilcd)(mA)-----------------
--
--
15
D5
Drive method ------------------------- 1/64Duty 1/9bias
16
D6
LCM power consum ----------------------- --
20mA
17
D7
18
FS
H/L
Font select(H:6x*dots L:8x8 dots)
19
NC
Not connection
BLOCK DIAGRAM
20
LED+
Power supply for LED
21
LED-
Power supply for LED
Data bus line *
H/L
RT240128ASR(L)
4
V0
8
C/D


Similar Part No. - RT240128ASR

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2401B6 CTS-RT2401B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2401B6TR13 CTS-RT2401B6TR13 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2401B6TR7 CTS-RT2401B6TR7 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2401B7 CTS-RT2401B7 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT2401B7TR13 CTS-RT2401B7TR13 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
More results

Similar Description - RT240128ASR

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LCM-S01602DSFC LUMEX-LCM-S01602DSFC Datasheet
175Kb / 2P
   16x2 LCD, 5x8 DOT MATRIX, STN, TRANSFLECTIVE BACKLIGHT, 1/16 DUTY, 1/5 BIAS.
logo
List of Unclassifed Man...
ES-12864E ETC-ES-12864E Datasheet
76Kb / 2P
   1/64 DUTY 1/9 BIAS STN, REFLECTIVE EL, LED
logo
LUMEX INC.
LCM-H02002DSF-Y LUMEX-LCM-H02002DSF-Y Datasheet
93Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
LCM-H01602DSF LUMEX-LCM-H01602DSF Datasheet
190Kb / 2P
   5.56mm CHARACTER HEIGHT, BLACK BEZEL, STN, TRANSFLECTIVE, LED BKLT, 16x2 LCD MODULE, 1/16 DUTY 1/5 BIAS
LCM-H02002DTF LUMEX-LCM-H02002DTF Datasheet
159Kb / 2P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
LCM-H02002DSF LUMEX-LCM-H02002DSF Datasheet
71Kb / 1P
   5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE, STN, GREY, TRANSFLECTIVE, 1/16 DUTY, 1/5 BIAS
LCM-H12864CGWF LUMEX-LCM-H12864CGWF Datasheet
68Kb / 1P
   128x64 CHIP ON GLASS LCD MODULE. FSTN, TRANSFLECTIVE, -20??TO 70??OPERATING TEMP, 6:00 VIEW ANGLE, 1/64DUTY, 1/7 BIAS
logo
AZ Displays
AQM1264C AZDISPLAYS-AQM1264C Datasheet
2Mb / 9P
   Positive STN Transflective Yellow-Green
logo
Okaya Electric America,...
RC1202LRU-AWA-H OKAYA-RC1202LRU-AWA-H Datasheet
733Kb / 22P
   STN YG Positive Transflective Extended Temp.
logo
Powertip Technology
PC1602LRU-LWA-H-Q POWERTIP-PC1602LRU-LWA-H-Q Datasheet
2Mb / 32P
   STN,YG,Positive, Transflective Extended Temp.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com