Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPD0250CT-003-C1SSPN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XPD0250CT-003-C1SSPN
Description  2.5 Gbps PIN-TIA module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XPD0250CT-003-C1SSPN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XPD0250CT-003-C1SSPN Datasheet HTML 1Page - List of Unclassifed Manufacturers XPD0250CT-003-C1SSPN Datasheet HTML 2Page - List of Unclassifed Manufacturers XPD0250CT-003-C1SSPN Datasheet HTML 3Page - List of Unclassifed Manufacturers XPD0250CT-003-C1SSPN Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.5 Gbps PIN-TIA module – XPD0250CT-003
XL Photonics, Inc.
2
OPTICAL CHARACTERISTICS (TC = 25℃)
ABSOLUTE MAXIMUM RATINGS (TC = 25℃)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Optical wavelength range
λ
-
1100
1600
nm
Sensitivity
PS
RL=50, 2.5Gbps NRZ,
PRBS=2
23 –1, BER=1×10-10
-27
dBm
Maximum overload
PMAX
-
1.6
dBm
Optical return loss
Lo
λ
= 1550nm
-30
dB
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
+5.0
V
Photodiode bias voltage*
VPD
10
V
Operating case temperature range
TC
-20 to +75
Storage temperature range
TSTG
-40 to +85
* Photodiode bias is necessary only for 5 pin type module.
MECHANICAL DIMENSIONS & PIN LAYOUT
(unit : mm)
pinning – 4pin
pinning – 5pin
A1
AM
B1
BM
C1
CM
D1
DM
Symbol
Type
Description
1
GND
GND
GND
GND
1
GND
GND
GND
GND
GND
Ground
Ground
2
OUTQ
OUT
OUT
OUTQ
2
OUT
OUTQ
OUT
OUTQ
Vout
Output
Data output
3
OUT
OUTQ
VCC
VCC
3
VCC
VCC
VPD
VPD
Vcc
Supply
Supply voltage
4
VCC
VCC
OUTQ
OUT
4
VPD
VPD
VCC
VCC
Vpd
Supply
PD bias voltage
5
OUTQ
OUT
OUTQ
OUT
Voutq
Output Data reverse output


Similar Part No. - XPD0250CT-003-C1SSPN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPD0250CT-001 ETC-XPD0250CT-001 Datasheet
310Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-001-A1MFAB ETC-XPD0250CT-001-A1MFAB Datasheet
310Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-001-A1MFAF ETC-XPD0250CT-001-A1MFAF Datasheet
310Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-001-A1MFAN ETC-XPD0250CT-001-A1MFAN Datasheet
310Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-001-A1MFPB ETC-XPD0250CT-001-A1MFPB Datasheet
310Kb / 4P
   2.5 Gbps PIN-TIA module
More results

Similar Description - XPD0250CT-003-C1SSPN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPD0250CT-001 ETC-XPD0250CT-001 Datasheet
310Kb / 4P
   2.5 Gbps PIN-TIA module
logo
Source Photonics, Inc.
T-11-2500-D-SSC SOURCE-T-11-2500-D-SSC Datasheet
692Kb / 3P
   2.5 Gbps PIN-TIA Reciever Module-ROSA (5V)
logo
List of Unclassifed Man...
MG2C-8012 ETC-MG2C-8012 Datasheet
193Kb / 2P
   2.5 Gbps 850 nm PIN-TIA
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
logo
Source Photonics, Inc.
T-11-2500A-R3-SFC SOURCE-T-11-2500A-R3-SFC Datasheet
506Kb / 2P
   2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
T-11-2500A-R-SFC SOURCE-T-11-2500A-R-SFC Datasheet
576Kb / 2P
   PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com