Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55143IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL55143IRZ
Description  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55143IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL55143IRZ Datasheet HTML 1Page - Intersil Corporation ISL55143IRZ Datasheet HTML 2Page - Intersil Corporation ISL55143IRZ Datasheet HTML 3Page - Intersil Corporation ISL55143IRZ Datasheet HTML 4Page - Intersil Corporation ISL55143IRZ Datasheet HTML 5Page - Intersil Corporation ISL55143IRZ Datasheet HTML 6Page - Intersil Corporation ISL55143IRZ Datasheet HTML 7Page - Intersil Corporation ISL55143IRZ Datasheet HTML 8Page - Intersil Corporation ISL55143IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6230.0
July 17, 2006
DIGITAL OUTPUTS QAX, QBX
Output Resistance
RoutR
18
27
37
Ω
Output Logic High Voltage
VOH
VOH = 5V, ISOURCE = 1mA
4.9
4.95
5.0
V
Output Logic Low Voltage
VOL
VOL = 0V, ISINK = 1mA
0.00
0.05
0.1
V
POWER SUPPLIES, STATIC CONDITIONS
Positive Supply DC Current/Comparator
ICC
No input data
+8.25
12.5
mA
Negative Supply Current/Comparator
IEE
No input data
-12.5
-8.25
mA
Total Power Dissipation/Comparator
P
Input data at 40MHz
670
mW
†Total Power dissipation per comparator can be approximately calculated from the following:
P = (VCC-VEE)*8.25mW + 90pF*(VCC-VEE)^2*f + CL*(VCC-VEE)^2*f
where f is the operating frequency and CL is the load capacitance.
Because the ISL55142 has two comparators, the power dissipation would be twice of P calculated from the above equation. The ISL55143 would
be four times P.
NOTES:
3. Lab characterization, room temperature, timing parameters matched stimulus/loads, channel-to-channel skew < 500ps, 1ns maximum by design
4. Note about ICC measurement input can approach 140mA (single comparator) at maximum pattern rates
5. Not 100% Tested
Test Circuits and Waveforms
FIGURE 1. COMPARATOR PROPAGATION DELAY AND TRANSITION TIME MEASUREMENT POINTS
FIGURE 2. THREE-STATE WINDOW COMPARATOR FUNDAMENTALS
Electrical Specifications
Test Conditions: VCC = 12V, VEE = -3V, VOH = 5V, VOL = 0V, PD = VEE, CLOAD = 15pF, TA = 25°C, unless
otherwise specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
QAX, QBX
400mV
0V
tPDLH
VOH (≈VH)
VOL (≈VL)
50%
50%
tPDHL
VINPX
tR
tF
DATA = 1
DATA = 0
+
-
+
-
VINP
QA
QB
CVA 2.4V
CVB 0.4V
VCC
VEE
Although there is no electrical difference between the CVA
and CVB Inputs, if one defines CVA as being the high
threshold and CVB being the low threshold, it becomes
easier to understand the utilization of a dual threshold
comparator. Essentially this enables the qualification of an
incoming signal into three states. In the case pictured, the
three states are Valid Low <0.4V, No-man’s-land (between
0.4 and 2.4V), Valid High >2.4V. Table 2 shows how the
QA/QB truth table would be utilized in the real world.
TABLE 2. QA/QB TRUTH TABLE
VINP
QA
QB
COMMENT
<0.4V
0
0
Valid 0
>0.4 and <2.4V
0
1
Invalid
>2.4V
1
1
Valid 1
ISL55141, ISL55142, ISL55143


Similar Part No. - ISL55143IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55143IRZ RENESAS-ISL55143IRZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

Similar Description - ISL55143IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141IRZ INTERSIL-ISL55141IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com