Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXL2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RXL2
Description  UHF Multi Channel Transparent Data Link TX/RX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXL2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RXL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RXL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Radiometrix Ltd
TXL2/RXL2 Data Sheet
page 1
The TXL2/RXL2 pair provides a one-way radio link. Provided no two devices attempt to transmit
simultaneously no further restrictions on data transmission need be made, as all transmit timing, valid
data identification and datastream buffering is conducted by the units. Synchronisation and framing
words in the packet prevent the receiver outputting garbage in the absence of wanted RF signal or
presence of interference. For multiple radio systems a TXL2/RXL2 can be set to 1 of 8 unique addresses.
As well as having unique addresses, the TXL2/RXL2 allow operation on one of 5 pre-set frequencies in
the 433MHz band. These frequencies are non-overlapping and simultaneous operation of TXL2/RXL2
pairs in the same area on different channels will be possible. Units are supplied on 433.925MHz (Ch0)
as default.
Features
Conforms to EN 300 220-3 and EN 301 489-3
High quality, stable crystal reference
Low noise synthesiser / VCO
SAW front-end filter
Multi-stage ceramic IF filtering
Single conversion superhet
Serial modem baud rate at 9600bps (simplex)
Addressable point-to-point
5 serial select wideband channels
Applications
PDAs, organisers & laptops
Handheld / portable terminals
EPOS equipment, barcode scanners
In-building environmental monitoring and control
Remote data acquisition system, data logging
Fleet management, vehicle data acquisition
Technical Summary
Operating frequency: 433.925MHz (default)
Modulation: 16kbps bi-phase FSK
Supply: 5V at 28mA transmit, 22mA receive/idle
Transmit power: +10dBm (10mW)
Receiver sensitivity: -107dBm (for 1% BER)
32 byte data buffer
Adjacent channel rejection: 60db @ ±320kHz
Receiver Blocking: >75dB
UHF Multi Channel Transparent Data Link TX/RX
UHF Multi Channel Transparent Data Link TX/RX
UHF Multi Channel Transparent Data Link TX/RX
UHF Multi Channel Transparent Data Link TX/RX
The TXL2 and RXL2 modules are 9600baud
simplex multi channel OEM radio modems
in a Radiometrix SIL standard footprint,
operating on European 433MHz ISM band.
The TXL2/RXL2 pair act as a transparent
serial cable to attached host. Unlike raw
FM
radio
modules
(e.g.
TX2A/RX2A),
TXL2/RXL2 will take care of preamble,
synchronisation, bit balancing and error
checking
along with
automatic noise
squelching.
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 1, 30 April 2007
TXL2/RXL2
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
Figure 1: TXL2-433-9/RXL2-433-9


Similar Part No. - RXL2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXL2 RADIOMETRIX-RXL2 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
RXL2-433-4 RADIOMETRIX-RXL2-433-4 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
More results

Similar Description - RXL2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
342Kb / 11P
   UHF Multi Channel Transparent Data Link Transceiver
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
logo
Radiometrix Ltd
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
CXT RADIOMETRIX-CXT Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
CXT2 RADIOMETRIX-CXT2 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
   9600 baud Transparent Data Link IC
logo
Integrated Device Techn...
F6103 IDT-F6103 Datasheet
99Kb / 2P
   Common Data Link (CDL) RX IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com