Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55015IEZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL55015IEZ-T7
Description  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55015IEZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL55015IEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FN6284.1
August 16, 2007
Device Test Setup
50
Ω
50
Ω
50
Ω
50
Ω
5V
VNA
DC BLOCK
DUT
BIAS TEE
5V
POWER
SUPPLY
PICOSECOND LABS
MODEL 5508-110
PICOSECOND LABS
MODEL 5542
CONNECTORLESS
PLATFORM
AGILENT _8753ES
INPUT
REFERENCE
PLANE
OUTPUT
REFERENCE
PLANE
IDEVICE
PIN 3
PIN 6
I1
I2
24
Ω
Typical Performance Curves ZRSC = 75Ω, ZLOAD = 50Ω
FIGURE 1. INPUT RETURN LOSS vs FREQUENCY
FIGURE 2. OUTPUT RETURN LOSS vs FREQUENCY
0
5
10
15
20
25
0.5G
1.0G
1.5G
2.0G
2.5G
3.0G
FREQUENCY (Hz)
0
5
10
15
20
25
0.5G
1.0G
1.5G
2.0G
2.5G
3.0G
FREQUENCY (Hz)
Typical Performance Curves 50Ω Environment
FIGURE 3. |S21| vs FREQUENCY
FIGURE 4. |S11| vs FREQUENCY
10
12
14
16
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
-14
-12
-10
-8
-6
-4
-2
0
0.5
1.0
1.5
2.0
2.5
3.0
FREQUENCY (GHz)
ISL55015


Similar Part No. - ISL55015IEZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55015IEZ-T7 INTERSIL-ISL55015IEZ-T7 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55015IEZ-T7 INTERSIL-ISL55015IEZ-T7 Datasheet
292Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 19, 2013
logo
Renesas Technology Corp
ISL55015IEZ-T7 RENESAS-ISL55015IEZ-T7 Datasheet
484Kb / 7P
   MMIC Silicon Bipolar Broadband Amplifier
More results

Similar Description - ISL55015IEZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com