Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2852YMXA-2.5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2852YMXA-2.5
Description  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852YMXA-2.5 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2852YMXA-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM2852YMXA-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
PVIN, AVIN, EN, SNS
−0.3V to 6.5V
ESD Susceptibility (Note 2)
2kV
Power Dissipation
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Maximum Junction Temp.
150˚C
14-Pin Exposed Pad TSSOP
Package
Infrared (15 sec)
Vapor Phase (60 sec)
Soldering (10 sec)
220˚C
215˚C
260˚C
Operating Ratings
PVIN to GND
1.5V to 5.5V
AVIN to GND
2.85V to 5.5V
Junction Temperature
−40˚C to +125˚C
θ
JA
38˚C/W
Electrical Characteristics AVIN = PVIN = 5V unless otherwise indicated under the Conditions column.
Limits in standard type are for T
J = 25˚C only; limits in boldface type apply over the junction temperature (TJ) range of -40˚C
to +125˚C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical values repre-
sent the most likely parametric norm at T
J = 25˚C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
V
OUT
Voltage Tolerance
3
V
OUT = 0.8V option
0.782
0.818
V
V
OUT = 1.0V option
0.9775
1.0225
V
OUT = 1.2V option
1.1730
1.2270
V
OUT = 1.5V option
1.4663
1.5337
V
OUT = 1.8V option
1.7595
1.8405
V
OUT = 2.5V option
2.4437
2.5563
V
OUT = 3.0V option
2.9325
3.0675
V
OUT = 3.3V option
3.2257
3.3743
∆V
OUT/
∆AVIN
Line Regulation
3
V
OUT = 0.8V, 1.0V, 1.2V, 1.5V, 1.8V or
2.5V
2.85V
≤ AVIN ≤ 5.5V
0.2
0.6
%
V
OUT = 3.3V
3.5V
≤ AVIN ≤ 5.5V
0.2
0.6
%
∆V
OUT/
∆I
O
Load Regulation
Normal operation
8
mV/A
V
ON
UVLO Threshold
(AVIN)
Rising
2.47
2.85
V
Falling Hysteresis
85
150
210
mV
r
DSON-P
PFET On
Resistance
Isw=2A
75
140
m
r
DSON-N
NFET On
Resistance
Isw=2A
55
120
m
R
SS
Soft-start
resistance
400
k
I
CL
Peak Current Limit
Threshold
LM2852X
2.75
4
4.95
A
LM2852Y
2.25
3
3.65
I
Q
Operating Current Non-switching
0.85
2
mA
I
SD
Shutdown
Quiescent Current
EN=0V
10
25
µA
R
SNS
Sense pin
resistance
400
k
PWM
f
osc
LM2852X
1500kHz option.
1050
1500
1825
kHz
LM2852Y
500kHz option.
325
500
625
kHz
www.national.com
4


Similar Part No. - LM2852YMXA-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852YMXA-2.5 NSC-LM2852YMXA-2.5 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2852YMXA-2.5 TI-LM2852YMXA-2.5 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-2.5 TI1-LM2852YMXA-2.5 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852YMXA-2.5/NOPB TI1-LM2852YMXA-2.5/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Similar Description - LM2852YMXA-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com