Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2852YMXA-1.0 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2852YMXA-1.0
Description  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852YMXA-1.0 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2852YMXA-1.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2852YMXA-1.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2852YMXA-1.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2852YMXA-1.0 Datasheet HTML 9Page - National Semiconductor (TI) LM2852YMXA-1.0 Datasheet HTML 10Page - National Semiconductor (TI) LM2852YMXA-1.0 Datasheet HTML 11Page - National Semiconductor (TI) LM2852YMXA-1.0 Datasheet HTML 12Page - National Semiconductor (TI) LM2852YMXA-1.0 Datasheet HTML 13Page - National Semiconductor (TI) LM2852YMXA-1.0 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications Information (Continued)
falls to a low voltage. During this time, the soft-start voltage
is forced to track the output so that once the short is re-
moved, the LM2852 can restart gracefully from whatever
voltage the output reached during the short circuit event. The
range of soft-start capacitors is therefore restricted to values
1nF to 50nF.
COMPENSATION
The LM2852 provides a highly integrated solution to power
supply design. The compensation of the LM2852, which is
type-three, is included on-chip. The benefit to integrated
compensation is straightforward, simple power supply de-
sign. Since the output filter capacitor and inductor values
impact the compensation of the control loop, the range of L,
C and C
ESR values is restricted in order to ensure stability.
OUTPUT FILTER VALUES
Table 1 details the recommended inductor and capacitor
ranges for the LM2852 that are suggested for various typical
output voltages. Values slightly different than those recom-
mended may be used, however the phase margin of the
power supply may be degraded.
TABLE 1. Output Filter Values
Frequency
Option
V
OUT (V)
PVIN (V)
L (µH)
C (µF)
C
ESR (m
Ω)
Min
Max
Min
Max
Min
Max
LM2852Y
(500kHz)
0.8
3.3
10
15
100
220
70
200
0.8
5.0
10
15
100
120
70
200
1.0
3.3
10
15
100
180
70
200
1.0
5.0
10
15
100
180
70
200
1.2
3.3
10
15
100
180
70
200
1.2
5.0
15
22
100
120
70
200
1.5
3.3
10
15
100
120
70
200
1.5
5.0
22
22
100
120
70
200
1.8
3.3
10
15
100
120
100
200
1.8
5.0
22
33
100
120
100
200
2.5
3.3
6.8
10
68
120
95
275
2.5
5.0
15
22
68
120
95
275
3.3
5.0
15
22
68
100
100
275
LM2852X
(1500kHz)
0.8
3.3
110
The 1500kHz version is
designed for ceramic output
capacitors which typically
have very low ESR (<10m
Ω.)
0.8
5.0
1.0
3.3
1.0
5.0
1.2
3.3
1.2
5.0
1.5
3.3
1.5
5.0
1.8
3.3
1.8
5.0
2.5
3.3
2.5
5.0
3.3
5.0
www.national.com
10


Similar Part No. - LM2852YMXA-1.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852YMXA-1.0 NSC-LM2852YMXA-1.0 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2852YMXA-1.0 TI-LM2852YMXA-1.0 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-1.0 TI1-LM2852YMXA-1.0 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852YMXA-1.0/NOPB TI1-LM2852YMXA-1.0/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Similar Description - LM2852YMXA-1.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com