Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54000IRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL54000IRTZ
Description  Integrated Audio Amplifier Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54000IRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54000IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6458.2
October 17, 2007
ISL54000, ISL54001, ISL54002
Thin Quad Flat No-Lead Plastic Package
(TQFN)
Thin Micro Lead FramePlastic Package
(TMLFP)
L20.4x4A
20 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-220WGGD-1 ISSUE I)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.70
0.75
0.80
-
A1
-
0.02
0.05
-
A2
-
0.55
0.80
9
A3
0.20 REF
9
b
0.18
0.25
0.30
5, 8
D
4.00 BSC
-
D1
3.75 BSC
9
D2
1.95
2.10
2.25
7, 8
E
4.00 BSC
-
E1
3.75 BSC
9
E2
1.95
2.10
2.25
7, 8
e
0.50 BSC
-
k0.20
-
-
-
L
0.35
0.60
0.75
8
N20
2
Nd
5
3
Ne
5
3
P-
-
0.60
9
θ
--
12
9
Rev. 0 11/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land Pattern
Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
θ are present when
Anvil singulation method is used and not present for saw
singulation.


Similar Part No. - ISL54000IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54000IRTZ RENESAS-ISL54000IRTZ Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
More results

Similar Description - ISL54000IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
ISL54004 RENESAS-ISL54004 Datasheet
608Kb / 13P
   Integrated Audio Amplifier Systems
logo
Intersil Corporation
ISL54004 INTERSIL-ISL54004 Datasheet
262Kb / 13P
   Integrated Audio Amplifier Systems
ISL54003 INTERSIL-ISL54003 Datasheet
312Kb / 15P
   Integrated Audio Amplifier Systems
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
   Integrated Audio Amplifier System
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
[Old version datasheet]   Integrated Audio Amplifier System
logo
National Semiconductor ...
LM4852 NSC-LM4852 Datasheet
860Kb / 21P
   Integrated Audio Amplifier System
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
   Integrated Audio Amplifier System
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com