Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1905 Datasheet(PDF) 72 Page - STMicroelectronics

Part # AN1905
Description  ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1905 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button AN1905 Datasheet HTML 68Page - STMicroelectronics AN1905 Datasheet HTML 69Page - STMicroelectronics AN1905 Datasheet HTML 70Page - STMicroelectronics AN1905 Datasheet HTML 71Page - STMicroelectronics AN1905 Datasheet HTML 72Page - STMicroelectronics AN1905 Datasheet HTML 73Page - STMicroelectronics AN1905 Datasheet HTML 74Page - STMicroelectronics AN1905 Datasheet HTML 75Page - STMicroelectronics AN1905 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
72/77
ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
Tricks and traps
– When tuning the PI parameters you should look for the worst case conditions, which may
be when the load quickly and unpredictably varies, when the inertia is at a minimum, or
when the mains voltage is maximum for an off-line application.
–Frequency regulation output is a 10-bit variable. If the final application requires a different
resolution (involving the PI routine to be rewritten), the output might be chosen as a power
of 2 so that logical shift operations can be used as divisions (new duty = (max_duty x PI-
output)>>10 for 10-bit returned value). This will result in compact code and will reduce the
CPU time consumption while processing the PI output. To give sufficient accuracy to the
control algorithm, the returned data should not be less than an 8-bit value, and shouldn’t
be greater than 12 bits long (the same resolution as the MTC cell PWM timer).
– A regulation tuned in no-load condition (at the highest) will most probably be unresponsive
in the final application, and vice versa: a regulation tuned in the application may become
unstable in no-load conditions.
Implementing the closed loop regulation
Below is an example of the use of this regulation process.
Note: Whatever the declared number of pair poles is, the ‘Set_Target_Electrical_Frequency’ rou-
tine needs to be fed with an electrical frequency input. The ‘Pole_Pair_Num’ definition in
‘MTC_Settings_Sensorless.h’ or ‘MTC_Settings_Sensor.h’ file is just declared as a reference; it can
be used for example in the final application in order to display the mechanical frequency instead of
the electrical.
...
if (ValBit(Flag_MTC,SAMP_EVT))
// Sampling time elapsed? -> update PWM
{
ClrBit(Flag_MTC,SAMP_EVT);
Set_Target_Electrical_Frequency((u16)(your_frequency));
}
...


Similar Part No. - AN1905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1902 STMICROELECTRONICS-AN1902 Datasheet
1Mb / 32P
   DEVICES TO DRIVE 58W TL TUBES
AN1904 STMICROELECTRONICS-AN1904 Datasheet
1Mb / 102P
   ST7MC three-phase AC induction motor control software library
More results

Similar Description - AN1905

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1904 STMICROELECTRONICS-AN1904 Datasheet
1Mb / 102P
   ST7MC three-phase AC induction motor control software library
AN1947 STMICROELECTRONICS-AN1947 Datasheet
606Kb / 36P
   ST7MC PMAC SINE WAVE MOTOR CONTROL SOFTWARE LIBRARY
AN1946 STMICROELECTRONICS-AN1946 Datasheet
659Kb / 35P
   SENSORLESS BLDC MOTOR CONTROL AND BEMF SAMPLING METHODS WITH ST7MC
AN2009 STMICROELECTRONICS-AN2009 Datasheet
925Kb / 39P
   PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10964 TI1-DRV10964 Datasheet
2Mb / 27P
[Old version datasheet]   Three-Phase Sinusoidal Sensorless BLDC Motor Driver
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com