Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-13-010-TJ-SSLMI Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # C-13-010-TJ-SSLMI
Description  10Gbps 1310 nm MQW-FP Laser Diode Module-TOSA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C-13-010-TJ-SSLMI Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  C-13-010-TJ-SSLMI Datasheet HTML 1Page - List of Unclassifed Manufacturers C-13-010-TJ-SSLMI Datasheet HTML 2Page - List of Unclassifed Manufacturers C-13-010-TJ-SSLMI Datasheet HTML 3Page - List of Unclassifed Manufacturers C-13-010-TJ-SSLMI Datasheet HTML 4Page - List of Unclassifed Manufacturers C-13-010-TJ-SSLMI Datasheet HTML 5Page - List of Unclassifed Manufacturers C-13-010-TJ-SSLMI Datasheet HTML 6Page - List of Unclassifed Manufacturers C-13-010-TJ-SSLMI Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
7
10Gbps 1310 nm
MQW-FP Laser Diode Module-TOSA
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
LUMINENTOIC.COM
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS530-APR2505
rev. A.2
C-13-010-TX-SXXXX
Ordering Information
Available Options:
C-13-010-TX-SXXXX
Note1 : TX = TG / TJ / TK
Note2 : SXXXX = SSCMI / SLCMI / SSC2I / SLC2I / SSCMB / SLCMB / SSC2B / SLC2B
C - 13 - 0 10 - T X - S
XX
X
X
Application
Wavelength
Device
Application
Type
Pinout
Fiber type
Connector
Power
Isolator & Fiber stub
C=
Communicaton
13=1310nm
0=FP
10=10Gbps
T=TOSA
G
S=Single mode
SC
M=0.3~1mW
I=Isolator
J
LC
2=1.5~2.5mW B=Both (I+Fiber stub)
K


Similar Part No. - C-13-010-TJ-SSLMI

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-010-PK-SLC2I SOURCE-C-13-010-PK-SLC2I Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-010-PK-SLCMI SOURCE-C-13-010-PK-SLCMI Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-010-PK-SSC2I SOURCE-C-13-010-PK-SSC2I Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-010-PK-SSCMI SOURCE-C-13-010-PK-SSCMI Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
More results

Similar Description - C-13-010-TJ-SSLMI

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-010-PK-SSC2I SOURCE-C-13-010-PK-SSC2I Datasheet
638Kb / 4P
   10Gbps 1310 nm MQW-FP Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-TJ-SSC2I SOURCE-C-13-DFB10-TJ-SSC2I Datasheet
1Mb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TA-SSCMI SOURCE-C-13-DFB10-TA-SSCMI Datasheet
1Mb / 8P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-TK-SSCMI-01 SOURCE-C-13-DFB10-TK-SSCMI-01 Datasheet
976Kb / 5P
   10Gbps 1310 nm MQW-DFB Laser Diode Module-Differential TOSA
C-13-DFB10-TA-SSCMI-HT SOURCE-C-13-DFB10-TA-SSCMI-HT Datasheet
1Mb / 8P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-PK-SSC2I SOURCE-C-13-DFB10-PK-SSC2I Datasheet
1Mb / 4P
   10Gbps 1310 nm MQW-DFB Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-TJ-SSC2I-HT-01 SOURCE-C-13-DFB10-TJ-SSC2I-HT-01 Datasheet
1Mb / 5P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-TOSA
C-13-DFB10-PK-SSCLI SOURCE-C-13-DFB10-PK-SSCLI Datasheet
849Kb / 4P
   10Gbps 1310 nm MQW-DFB Laser Diode Pigtailed Module-Differential TOSA
C-13-DFB10-TK-SSC2I-HT-01 SOURCE-C-13-DFB10-TK-SSC2I-HT-01 Datasheet
967Kb / 5P
   10Gbps 1310 nm 0 ~ 85쨘C MQW-DFB Laser Diode Module-Differential TOSA
C-13-DFB10-TJ-SLC2I SOURCE-C-13-DFB10-TJ-SLC2I Datasheet
653Kb / 3P
   10 Gbps 1310 nm MQW-DFB Laser Diode Module-TOSA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com