Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6932D1.5TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6932D1.5TR
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932D1.5TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6932D1.5TR Datasheet HTML 3Page - STMicroelectronics L6932D1.5TR Datasheet HTML 4Page - STMicroelectronics L6932D1.5TR Datasheet HTML 5Page - STMicroelectronics L6932D1.5TR Datasheet HTML 6Page - STMicroelectronics L6932D1.5TR Datasheet HTML 7Page - STMicroelectronics L6932D1.5TR Datasheet HTML 8Page - STMicroelectronics L6932D1.5TR Datasheet HTML 9Page - STMicroelectronics L6932D1.5TR Datasheet HTML 10Page - STMicroelectronics L6932D1.5TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
L6932
8/11
The thermal resistance junction to ambient of the demoboard is approximately 62°C/W. This mean that, consid-
ering an ambient temperature of 60°C and a maximum junction temperature of 150°C, the maximum power that
the device can handle is 1.5W.
This means that the device is able to deliver a DC output current of 2A only with a very low dropout.
In many applications, high output current pulses are required. If their duration is shorter than the thermal con-
stant time of the board, the thermal impedance (not the thermal resistance) has to be considered.
In figure 10 the thermal impedance versus the duration of the current pulse for the SO(4+2+2) mounted on board
is shown.
Figure 10. Thermal Impedance
Considering a pulse duration of 1sec, the thermal impedance is close to 20°C/W, allowing much bigger power
dissipated.
Example:
Vin = 3.3V
Vout = 1.8V
Iout = 2A
Pulse Duration = 1sec
The power dissipated by the device is:
PDISS = (VIN - VOUT) · IOUT = 1.5 · 2 3W
Considering a thermal impedance of 20°C/W, the maximum junction temperature will be:
TJ = TA + ZTHJA · PDISS = 60 + 60 = 120°C
Obviously, with pulse durations longer than approximately 10sec the thermal impedance is very close to the
thermal resistance (60°C/W to 70°C/W).


Similar Part No. - L6932D1.5TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.8 STMICROELECTRONICS-L6932D1.8 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.8TR STMICROELECTRONICS-L6932D1.8TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Similar Description - L6932D1.5TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com