Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6932D1.5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6932D1.5
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932D1.5 Datasheet(HTML) 3 Page - STMicroelectronics

  L6932D1.5 Datasheet HTML 1Page - STMicroelectronics L6932D1.5 Datasheet HTML 2Page - STMicroelectronics L6932D1.5 Datasheet HTML 3Page - STMicroelectronics L6932D1.5 Datasheet HTML 4Page - STMicroelectronics L6932D1.5 Datasheet HTML 5Page - STMicroelectronics L6932D1.5 Datasheet HTML 6Page - STMicroelectronics L6932D1.5 Datasheet HTML 7Page - STMicroelectronics L6932D1.5 Datasheet HTML 8Page - STMicroelectronics L6932D1.5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
L6932
BLOCK DIAGRAM (Referred to the Fixed Voltage version)
ELECTRICAL CHARACTERISTCS (Tj = 25°C, VIN = 5V unless otherwise specified)
(*) Specification referred to Tj from -25°C to 125°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vin
Operating Supply Voltage
2
14
V
Vo
Output voltage L6932D1.2
Io = 0.1A; Vin = 3.3V
1.188
1.2
1.212
V
Output voltage L6932D1.5
Io = 0.1A; Vin = 3.3V
1.485
1.5
1.515
V
Output voltage L6932D1.8
Io = 0.1A; Vin = 3.3V
1.782
1.8
1.818
V
Output voltage L6932D2.5
Io = 0.1A; Vin = 3.3V
2.475
2.5
2.525
V
L6932D1.2
Line Regulation
Vin = 2.5V ±10%; Io = 10mA
5
mV
Vin = 3.3V ±10%; Io = 10mA
5
mV
Vin = 5V ±10%;
Io = 10mA
5
mV
L6932D1.5
Line Regulation
Vin = 2.5V ±10%; Io = 10mA
5
mV
Vin = 3.3V ±10%; Io = 10mA
5
mV
Vin = 5V ±10%;
Io = 10mA
5
mV
L6932D1.8
Line Regulation
Vin = 2.5V ±10%; Io = 10mA
5
mV
Vin = 3.3V ±10%; Io = 10mA
5
mV
Vin = 5V ±10%;
Io = 10mA
5
mV
L6932D2.5
Line Regulation
Vin = 3.3V ±10%; Io = 10mA
5
mV
Vin = 5V ±10%;
Io = 10mA
5
mV
L6932D1.2 Load Regulation
Vin = 3.3V; 0.1A < Io < 2A
15
mV
L6932D1.5 Load Regulation
Vin = 3.3V; 0.1A < Io < 2A
15
mV
L6932D1.8 Load Regulation
Vin = 3.3V; 0.1A < Io < 2A
15
mV
L6932D2.5 Load Regulation
Vin = 3.3V; 0.1A < Io < 2A
15
mV
Rdson
Drain Source ON resistance
200
m
REFERENCE
VREF=1.25V
CURRENT
LIMIT
THERMAL
SENSOR
ENABLE
EN
IN
OUT
PG
GND
CHARGE
PUMP
ERROR
AMPL.
DRIVER
VREF
0.9 VREF
+
-
-
+
D99IN1100


Similar Part No. - L6932D1.5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.8 STMICROELECTRONICS-L6932D1.8 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.8TR STMICROELECTRONICS-L6932D1.8TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Similar Description - L6932D1.5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com