Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28270IAZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL28270IAZ-T13
Description  Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28270IAZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL28270IAZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL28270IAZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL28270IAZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL28270IAZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL28270IAZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL28270IAZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL28270IAZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL28270IAZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL28270IAZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6260.4
August 3, 2007
FIGURE 5. ISL28270, ISL28470 FREQUENCY RESPONSE vs
CLOSED LOOP GAIN, V+ = 5V, VCM = 10mV
FIGURE 6. ISL28273 FREQUENCY RESPONSE vs CLOSED
LOOP GAIN, V+ = 5V, VCM = 10mV
FIGURE 7. ISL28270, ISL28470 FREQUENCY RESPONSE vs
SUPPLY VOLTAGE
FIGURE 8. ISL28273 FREQUENCY RESPONSE vs SUPPLY
VOLTAGE
FIGURE 9. ISL28270, ISL28470 FREQUENCY RESPONSE vs
CLOAD
FIGURE 10. ISL28273 FREQUENCY RESPONSE vs CLOAD
Typical Performance Curves
V+ = +5V, V- = 0V VCM = 1/2V+, VEN = V-, RL = Open, TA = +25°C, unless otherwise specified.
(Continued)
30
40
50
60
70
80
90
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
GAIN = 100V/V
GAIN = 200V/V
GAIN = 500V/V
GAIN = 1,000V/V
GAIN = 2,000V/V
GAIN = 10,000V/V
COMMON-MODE INPUT = V- + 10mV
GAIN = 5,000V/V
10
20
30
40
50
60
70
1E+00
1E+01
1E+02
1E+03
1E+04
1E+05
1E+06
FREQUENCY (Hz)
GAIN = 500
GAIN = 200
GAIN = 100
GAIN = 50
GAIN = 20
GAIN = 10
GAIN = 1000
COMMON-MODE INPUT = V- + 10mV
100
10k
1k
100k
1M
45
40
35
30
25
20
15
10
5
0
FREQUENCY (Hz)
V+ = 2.4V
V+ = 3.3V
V+ = 5V
AV = 100
RL = 10kΩ
CL = 10pF
RF/RG = 99.02
RF = 221kΩ
RG = 2.23kΩ
100
10k
1k
100k
25
20
15
10
5
0
FREQUENCY (Hz)
AV = 10
R = 10k
Ω
CL = 10pF
RF/RG = 9.08Ω
RF = 178kΩ
RG = 19.6kΩ
1M
V+ = 5V
V+ = 2.4V
V+ = 3.3V
100
10k
1k
100k
50
45
40
35
30
25
FREQUENCY (Hz)
CL = 820pF
AV = 100
V+, V- = ±2.5V
RL = 10kΩ
RF/RG = 99.02
RF = 221kΩ
RG = 2.23kΩ
1M
CL = 56pF
CL = 470pF
CL = 220pF
100
10k
1k
100k
30
25
20
15
10
0
FREQUENCY (Hz)
CL = 100pF
AV = 10
V+ = 5V
RL = 10kΩ
RF/RG = 9.08Ω
RF = 178kΩ
RG = 19.6kΩ
1M
CL = 2.7pF
5
CL = 27pF
CL = 47pF
ISL28270, ISL28273, ISL28470


Similar Part No. - ISL28270IAZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28270IAZ-T13 INTERSIL-ISL28270IAZ-T13 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270IAZ-T13 RENESAS-ISL28270IAZ-T13 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
More results

Similar Description - ISL28270IAZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com