Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2DL814ZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2DL814ZC
Description  ComLink??Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DL814ZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2DL814ZC Datasheet HTML 1Page - Cypress Semiconductor CY2DL814ZC Datasheet HTML 2Page - Cypress Semiconductor CY2DL814ZC Datasheet HTML 3Page - Cypress Semiconductor CY2DL814ZC Datasheet HTML 4Page - Cypress Semiconductor CY2DL814ZC Datasheet HTML 5Page - Cypress Semiconductor CY2DL814ZC Datasheet HTML 6Page - Cypress Semiconductor CY2DL814ZC Datasheet HTML 7Page - Cypress Semiconductor CY2DL814ZC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ComLink™ Series
CY2DL814
Document #: 38-07057 Rev. *B
Page 5 of 8
Notes:
3. All input pulses are supplied by a frequency generator with the following characteristics: tR and tF ≤ 1 ns; pulse rerate = 50 Mpps; pulse width = 10 ± 0.2 ns.
4. RL= 50 ohm ± 1% Zline = 50 ohm 6”.
5. CL includes instrumentation and fixture capacitance within 6 mm of the UT.
6. TPA and B are used for prop delay and Rise/Fall measurements. TPC is used for VOC measurements only and is otherwise connected to VDD- 2.
Table 12.High Frequency Parametrics
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Fmax
Maximum frequency
VDD = 3.3V
50% duty cycle tW(50–50)
Standard Load Circuit.
––
400
MHz
Fmax(20)
Maximum frequency
VDD = 3.3V
20% duty cycle tW(50–50)
LVPECL Input
VIN = VIH(Max.)/VIL(Min.)
VOUT = VOH(Min.)/VOL (Max.) (Limit)
––
200
MHz
TW
Minimum pulse
VDD = 3.3V
LVPECL Input
VIN = VIH(Max.)/VIL(Min.) F= 100 MHz
VOUT = VOH(Min.)/VOL(Max.)(Limit)
1
ns
80%
20%
0V Differential
V0Y - V0Z
tR
tF
1.4 V
1.0 V
1.4 V
1.0 V
0V Differential
0V Differential
1.2 V CM
1.2 V CM
V1A
V1B
V0Y
V0Z
TPLH
TPHL
TPA
TPC
TPB
50
50
Standard Termination
Pulse
Generator
A
B
10pF
Figure 1. Differential Receiver to Driver Propagation Delay and Driver Transition Time[3, 4, 5, 6]
2.0V
1.6V
VI(A)
VI(B)
Next Device
VOD
VOC
TPA
TPC
TPB
50
50
Standard Termination
Pulse
Generator
A
B
Figure 2. Test Circuit and Voltage Definitions for the Driver Common-mode Output Voltage[3, 4, 5, 6]


Similar Part No. - CY2DL814ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL814ZC CYPRESS-CY2DL814ZC Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
CY2DL814ZCT CYPRESS-CY2DL814ZCT Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
More results

Similar Description - CY2DL814ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814_05 Datasheet
158Kb / 8P
   ComLink??Series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com