Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2DP314 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2DP314
Description  1:4 Differential Clock/Data Fanout Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP314 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2DP314_05 Datasheet HTML 2Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 3Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 4Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 5Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 6Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 7Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 8Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 9Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY2DP314
Document #: 38-07550 Rev.*G
Page 8 of 10
Ordering Information
Part Number
Package Type
Product Flow
CY2DP314OI
20-pin SSOP
Industrial, –40° to 85°C
CY2DP314OIT
20-pin SSOP – Tape and Reel
Industrial, –40° to 85°C
Lead-free
CY2DP314OXI
20-pin SSOP
Industrial, –40° to 85°C
CY2DP314OXIT
20-pin SSOP – Tape and Reel
Industrial, –40° to 85°C
Figure 10. Termination for LVPECL to HTSL interface for VCC = 2.5V would use X = 50 Ohms, Y = 2300 Ohms, and
Z = 1000 Ohms. See application note titled PECL Translation, SAW Oscillators, and Specs
for Other Signalling Standards and Supplies
VCC
VDD-2
Y
X
Z
One output is shown for clarity


Similar Part No. - CY2DP314_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP314OI CYPRESS-CY2DP314OI Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314OIT CYPRESS-CY2DP314OIT Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314OXI CYPRESS-CY2DP314OXI Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2DP314OXIT CYPRESS-CY2DP314OXIT Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
More results

Similar Description - CY2DP314_05

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
Potato Semiconductor Co...
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
   3.3V 2:4 Differential Clock/Data Fanout Buffer
PO74HSTL85331A POTATO-PO74HSTL85331A Datasheet
675Kb / 8P
   3.3V 1:4 Crystal Oscillator/ Differential Clock or Data Fanout Buffer
logo
Cypress Semiconductor
CY2DP3110 CYPRESS-CY2DP3110 Datasheet
279Kb / 9P
   1 of 2:10 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A_14 Datasheet
1Mb / 7P
   2.3V - 3.6V 2:4 Differential Clock/Data Fanout Buffer
PO74HSTL85331A POTATO-PO74HSTL85331A_14 Datasheet
1Mb / 7P
   2.3V-3.6V 1:4 Crystal Oscillator/Differential Clock or Data Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com