Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMIC9531CT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # IMIC9531CT
Description  PCIX I/O System Clock Generator with EMI Control Features
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IMIC9531CT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button IMIC9531CT Datasheet HTML 2Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 3Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 4Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 5Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 6Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 7Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 8Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 9Page - Cypress Semiconductor IMIC9531CT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
C9531
Document #: 38-07034 Rev. *E
Page 8 of 10
Test and Measurement Set-up
CLK
TDC
CLK Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD33
33-MHz CLK Period
Measurement at 1.5V
29.5
30.5
ns
TPERIOD66
66-MHz CLK Period
Measurement at 1.5V
14.5
15.5
ns
TPERIOD100
100-MHz CLK Period
Measurement at 1.5V
9.5
10.5
ns
TPERIOD133
133-MHz CLK Period
Measurement at 1.5V
7.0
8.0
ns
TR / TF
CLK Rise and Fall Times
Measured between 0.4V and 2.4V
0.5
2.0
ns
TSKEW
Any CLK to Any CLK Clock Skew Measurement at 1.5V
250
ps
TCCJ
CLK Cycle to Cycle Jitter
Measurement at 1.5V
175
ps
REF
TDC
REF Duty Cycle
Measurement at 1.5V
45
55
%
TR / TF
REF Rise and Fall Times
Measured between 0.4V and 2.4V
1.0
4.0
ns
TCCJ
REF Cycle to Cycle Jitter
Measurement at 1.5V
750
ps
ENABLE/DISABLE and SET-UP
tpZL,tpZH
Output Enable Delay (all outputs)
10.0
ns
tpLZ,tpZH
Output Disable Delay (all outputs)
10.0
ns
TSTABLE
Clock Stabilization from Power-up
3.0
ms
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max. Unit
2. 4 V
0. 4 V
3.3V
0V
Tr
T f
1. 5 V
3.3V S ign als
tD C
-
-
Probe
Output under Test
Load Cap
Lumped Load
LVTTL Signaling
Figure 2. Test and Measurement Set-up
Table 7. Loading
Output Name
Max Load (in pF)
CLK
30
REF
20
Ordering Information
Part Number
Package Type
Product Flow
IMIC9531CY
28-Pin SSOP
Commercial, 0° to 70°C
IMIC9531CYT
28-Pin SSOP – Tape and Reel
Commercial, 0° to 70°C
IMIC9531CT
28-Pin TSSOP
Commercial, 0° to 70°C
IMIC9531CTT
28-Pin TSSOP – Tape and Reel
Commercial, 0° to 70°C
Lead Free
CYI9531OXC
28-Pin SSOP
Commercial, 0° to 70°C
CYI9531OXCT
28-Pin SSOP – Tape and Reel
Commercial, 0° to 70°C
CYI9531ZXC
28-Pin TSSOP
Commercial, 0° to 70°C
CYI9531ZXCT
28-Pin TSSOP – Tape and Reel
Commercial, 0° to 70°C


Similar Part No. - IMIC9531CT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IMIC9531CT CYPRESS-IMIC9531CT Datasheet
115Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
IMIC9531CT SILABS-IMIC9531CT Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Cypress Semiconductor
IMIC9531CTT CYPRESS-IMIC9531CTT Datasheet
115Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
IMIC9531CTT SILABS-IMIC9531CTT Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
More results

Similar Description - IMIC9531CT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9531 CYPRESS-C9531 Datasheet
115Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
C9530 CYPRESS-C9530 Datasheet
263Kb / 11P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9530 SILABS-C9530 Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
C9531 SILABS-C9531 Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
   System Clock Generator
MAY 1, 2019
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com