COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *B
Page 5 of 9
Parameter Measurement Information: VDD@3.3V–2.5V
Parameter Measurement Information: VDD@1.8V
Notes:
3. CL includes probe and jig capacitance.
4. All input pulses are supplied by generators having the following characteristics: PRR < 100 MHz, Z0 = 50Ω, tR < 2.5 ns, tF < 2.5 ns.
5. The outputs are measured one at a time with one transition per measurement.
6. TPLH and TPHL are the same as tpd.
AC Switching Characteristics @ 1.8V VDD = 1.8V ±5%, Temperature = –40°C to +85°C
Parameter
Description
Min. Typ. Max. Unit
tPLH
Propagation Delay – Low to High
See Figure 7
1.5
2.7
3.5
ns
tPHL
Propagation Delay – High to Low
1.5
2.7
3.5
ns
tR
Output Rise Time 20 – 80%
0.2
1.5
ns
tF
Output Fall Time 20 – 80%
0.2
1.5
ns
tSK(0)
Output Skew: Skew between outputs of the same package (in phase).
See Figure 10
0.2
ns
tSK(p)
Pulse Skew: Skew between opposite transitions of the same output (tPHL
– tPLH).
See Figure 9
0.2
ns
tSK(t)
Package Skew: Skew between outputs of different packages at the same
power supply voltage, temperature and package type.
See Figure 11
0.4
ns
From Output
Under Test
C
L = 50 pF
500 ohm
Figure 2. Load Circuit [3,4,5]
VDD/2
t
PLH
t
PHL
V
OH
V
OL
0 V
Input
Output
VDD/2
VDD/2
VDD/2
0.8VDD
Figure 3. Voltage Waveforms Propagation Delay Times[6]
From Output
Under Test
C
L = 3 pF
500 ohm
Figure 4. Point to Point Load Circuit[3,4,5]
0 V
Input
t
w(20-80)
0.8VDD
0 V
VDD/2
Input
t
w(50-50)
VDD/2
VDD/2
0.8VDD
Figure 5. Voltage Waveforms–Pulse Duration[4]
From Output
Under Test
C
L = 6 pF
500 ohm
Figure 6. Load Circuit [3,4,5]
0.9V
t
PLH
t
PHL
1.8V
V
OH
V
OL
0 V
Input
Output
0.9V
0.9V
0.9V
Figure 7. Voltage Waveforms Propagation
Delay Times[6]
0 V
Input
t
w(20-80)
1.8V
0 V
0.9V
Input
t
w(50-50)
0.9V
0.9V
1.8V
Figure 8. Voltage Waveforms–Pulse Duration[4]